Electronic Components Datasheet Search
  English  ▼

X  

MAZ3000 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ3000
Description  Zener Diodes Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3000 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ3000 Datasheet HTML 1Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 2Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 3Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 4Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 5Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 6Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAZ3000 Series
SKE00003BED
4
0
0
160
120
80
40
40
80
120
160
200
240
Ambient temperature T
a (°C)
Print foil
t
= 0.035 mm
A
K
10 mm
0.8 mm
10 mm
10−1
10−1
1
10
102
103
110
102
Pulse width t
W (ms)
Ta = 25°C
125
°C
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F (V)
Ptot  Ta
PZSM  tW
IF  VF
MAZ3270
25.1
27
28.9
24.8
MAZ32700L
25.3
26
26.7
19 0.05
24.8
60
25
80
0.5 200 21.4 23.4 25.3 30
50
MAZ32700M
26.3
27
27.7
25.8
MAZ32700H
27.3
28
28.7
26.8
MAZ3300
28
30
32
27.8
MAZ33000L
28.3
29
29.7
21 0.05
27.8
60
30
80
0.5 200 24.4 26.6 29.4 27
50
MAZ33000M
29.3
30
30.8
28.8
MAZ33000H
30.2
31
31.8
29.7
MAZ3330
31
33
35
30.7
MAZ33300L
31.2
32
32.8
23 0.05
30.7
60
35
80
0.5 200 27.4 29.7 33.4 25
45
MAZ33300M
32.2
33
33.8
31.7
MAZ33300H
33.2
34
34.9
32.7
MAZ3360
34
36
38
33.6
MAZ33600L
34.1
35
35.9
25 0.05
33.6
60
35
90
0.5 200 30.4 33 37.4 23
45
MAZ33600M
35.1
36
36.9
34.6
MAZ33600H
36.1
37
37.9
35.6
s Electrical characteristics within part numbers (continued) T
a = 25°C
•V
Z = 27.0 V to 36.0 V (IZ = 2 mA)
27L or 27M or 27H
27L
27M
27H
30L or 30M or 30H
30L
30M
30H
33L or 33M or 33H
33L
33M
33H
36L or 36M or 36H
36L
36M
36H
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
Part number
Zener voltage
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 2 mA
VR
VR
IZ = 2 mA IZ
IZ = 2 mA
Min Nom
Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking symbol
Zener operating
resistance
Reverse current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com