Electronic Components Datasheet Search
  English  ▼

X  

MAZ3000 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ3000
Description  Zener Diodes Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3000 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ3000 Datasheet HTML 1Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 2Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 3Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 4Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 5Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 6Page - Panasonic Semiconductor MAZ3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAZ3000 Series
SKE00003BED
2
MAZ3020
1.88
2.0
2.12
0.5 120

5
100
 −3.5 −1.5 0

MAZ3022
2.08
2.2
2.32
0.7 120

5
100
 −3.5 −1.5 0

MAZ3024
2.28
2.4
2.60
1
120

5
100
 −3.5 −1.6 0

MAZ3027
2.50
2.7
2.90
MAZ30270L
2.50
2.6
2.75
1
120

5
110
 −3.5 −2.0 0

MAZ30270H
2.65
2.8
2.90
MAZ3030
2.80
3.0
3.20
MAZ30300L
2.80
2.9
3.05
1
50

5
120
 −3.5 −2.1 0

MAZ30300H
2.95
3.1
3.20
MAZ3033
3.10
3.3
3.50
MAZ30330L
3.10
3.2
3.35
1
20

5
130
 −3.5 −2.4 0

MAZ30330H
3.25
3.4
3.50
MAZ3036
3.40
3.6
3.80
MAZ30360L
3.40
3.5
3.65
1
10

5
130
 −3.5 −2.4 0

MAZ30360H
3.55
3.7
3.80
MAZ3039
3.70
3.9
4.10
MAZ30390L
3.70
3.8
3.97
1
10

5
130
 −3.5 −2.5 0

MAZ30390H
3.87
4.0
4.10
MAZ3043
4.00
4.3
4.60
MAZ30430L
4.03
4.1
4.26
110

5
130
 −3.5 −2.5 0

MAZ30430M
4.17
4.3
4.40
MAZ30430H
4.31
4.4
4.54
MAZ3047
4.4
4.7
5.0
MAZ30470L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180
MAZ30470M
4.59
4.7
4.83
MAZ30470H
4.74
4.9
4.99
MAZ3051
4.8
5.1
5.4
MAZ30510L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 −0.8 1.2 110 160
MAZ30510M
5.0
5.1
5.26
MAZ30510H
5.14
5.3
5.4
MAZ3056
5.3
5.6
6.0
MAZ30560L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140
MAZ30560M
5.48
5.6
5.76
MAZ30560H
5.66
5.8
5.95
MAZ3062
5.8
6.2
6.6
5.3
MAZ30620L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
MAZ30620M
6.05
6.2
6.36
5.5
MAZ30620H
6.24
6.4
6.56
5.7
MAZ3068
6.4
6.8
7.2
5.9
MAZ30680L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
MAZ30680M
6.64
6.8
6.98
6.1
MAZ30680H
6.85
7.0
7.2
6.3
MAZ3075
7.0
7.5
7.9
6.5
MAZ30750L
7.07
7.3
7.43
51
6.5
60
6
15
0.5 120 2.5
4
5.3
80 100
MAZ30750M
7.29
7.5
7.67
6.7
MAZ30750H
7.51
7.7
7.89
7.0
MAZ3082
7.7
8.2
8.7
7.2
MAZ30820L
7.77
7.9
8.17
5
0.5
7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
MAZ30820M
8.03
8.2
8.43
7.5
MAZ30820H
8.29
8.5
8.7
7.7
s Electrical characteristics within part numbers T
a = 25°C
• V
Z = 2.0 V to 8.2 V (IZ = 5 mA)
2.0
2.2
2.4
2.7L or 2.7H
2.7L
2.7H
3.0L or 3.0H
3.0L
3.0H
3.3L or 3.3H
3.3L
3.3H
3.6L or 3.6H
3.6L
3.6H
3.9L or 3.9H
3.9L
3.9H
4.3L or 4.3M or 4.3H
4.3L
4.3M
4.3H
4.7L or 4.7M or 4.7H
4.7L
4.7M
4.7H
5.1L or 5.1M or 5.1H
5.1L
5.1M
5.1H
5.6L or 5.6M or 5.6H
5.6L
5.6M
5.6H
6.2L or 6.2M or 6.2H
6.2L
6.2M
6.2H
6.8L or 6.8M or 6.8H
6.8L
6.8M
6.8H
7.5L or 7.5M or 7.5H
7.5L
7.5M
7.5H
8.2L or 8.2M or 8.2H
8.2L
8.2M
8.2H
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
Part number
Zener voltage
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min Nom
Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking symbol
Zener operating
resistance
Reverse current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com