Electronic Components Datasheet Search
  English  ▼

X  

MA3000 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MA3000
Description  Zener Diodes Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3000 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MA3000 Datasheet HTML 1Page - Panasonic Semiconductor MA3000 Datasheet HTML 2Page - Panasonic Semiconductor MA3000 Datasheet HTML 3Page - Panasonic Semiconductor MA3000 Datasheet HTML 4Page - Panasonic Semiconductor MA3000 Datasheet HTML 5Page - Panasonic Semiconductor MA3000 Datasheet HTML 6Page - Panasonic Semiconductor MA3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAZ3000 Series
5
SKE00003BED
0
20
40
60
80
100
012345
6
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ3020
MAZ3039
MAZ3036
MAZ3033
MAZ3027
MAZ3024
0
10
20
30
40
50
02468
10
12
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ3051
MAZ3056
MAZ3062
MAZ3068
MAZ3075
0
4
8
12
16
20
0
1020304050
Zener voltage V
Z (V)
Ta = 25°C
Static
Characteristics
MAZ3130
MAZ3240
MAZ3270
MAZ3300
MAZ3330
MAZ3360
MAZ3200
MAZ3160
MAZ3110
0
120
100
80
60
40
20
012345
6
Zener voltage V
Z (V)
Tj = 25°C
Dynamic
Characteristics
MAZ3020
MAZ3024
MAZ3027
MAZ3030
MAZ3033
MAZ3036
MAZ3039
MAZ3043
0
60
50
40
30
20
10
02468
10
12
Zener voltage V
Z (V)
Tj = 25°C
Static
Characteristics
MAZ3075
MAZ3068
MAZ3062
MAZ3056
MAZ3051
MAZ3047
0
24
20
16
12
8
4
050
40
30
20
10
Zener voltage V
Z (V)
Tj = 25°C
Dynamic
Charac-
teristics
MAZ3110
MAZ3130
MAZ3160
MAZ3200
MAZ3240
MAZ3270
MAZ3300
MAZ3330
MAZ3360
0.001
0.01
0.1
1
10
10−2
1
10−1
10
102
103
104
Pulse width t
W (s)
(1)
(2)
(1) Without Printed-circuit board
(2) With a printed-circuit board
Thickness t = 1.6 mm
Copper foil t = 0.035 mm
Anode side area 10 mm2
Cathode side area 20 mm2
1
10−1
10
102
103
104
110
102
Zener current I
Z (mA)
MAZ3020
MAZ3360
MAZ3033
MAZ3024
MAZ3300
MAZ3068
MAZ3120
MAZ3200
MAZ3047
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
Zth  tW
RZ  IZ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com