Electronic Components Datasheet Search
  English  ▼

X  

MA3000 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MA3000
Description  Zener Diodes Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3000 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  MA3000 Datasheet HTML 1Page - Panasonic Semiconductor MA3000 Datasheet HTML 2Page - Panasonic Semiconductor MA3000 Datasheet HTML 3Page - Panasonic Semiconductor MA3000 Datasheet HTML 4Page - Panasonic Semiconductor MA3000 Datasheet HTML 5Page - Panasonic Semiconductor MA3000 Datasheet HTML 6Page - Panasonic Semiconductor MA3000 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAZ3000 Series
SKE00003BED
6
SZ  IZ
SZ  IZ
−3
−2
−1
0
1
0
20
40
60
80
100
120
Zener current I
Z (mA)
Tj = 25°C to 150°C
MAZ3043
MAZ3039
MAZ3036
MAZ3033
MAZ3030
MAZ3027
MAZ3024
−6
−4
−2
0
2
4
6
8
10
048
12
16
20
24
Zener current I
Z (mA)
Tj = 25°C to 150°C
MAZ3100
MAZ3091
MAZ3082
MAZ3075
MAZ3062
MAZ3056
MAZ3047
MAZ3020
MAZ3068
MAZ3051



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com