Electronic Components Datasheet Search
  English  ▼

X  

PE33574 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE33574
Description  BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33574 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE33574 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33574 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33574 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE33574LF. Contact Pasternack if product cannot be found.
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
How to Order
PartNumberConfiguration:
PE33574
-
xx
uu
|
|
|
UnitofMeasure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example: PE33574-12=12incheslongcable
PE33574-100cm=100cmlongcable
BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax PE33574
URL:http://www.pasternack.com/bnc-male-bnc-male-rg180bu-cable-assembly-pe33574-p.aspx
PE33574 REV 1.0
PE33574
BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com