Electronic Components Datasheet Search
  English  ▼

X  

PE33574 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE33574
Description  BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33574 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE33574 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33574 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33574 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
BNC Male
Connector 2
BNC Male
Cable Type
RG180
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Velocity of Propagation
70 %
Dielectric Withstanding Voltage (AC)
1,500 Vrms
Mechanical Specifications
Size
Diameter
0.57 in [14.48 mm]
.
Weight
0.045 lbs [20.41 g]
Cable Color
Tan
Cable
Cable Type
RG180
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.145 in [3.68 mm]
Connector 1
Type
BNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Coupling Nut Material and Plating
Brass, Nickel
CouplingNutPlatingSpecification
100µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Connector 2
Type
BNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Coupling Nut Material and Plating
Brass, Nickel
CouplingNutPlatingSpecification
100µin.minimum
Body Material and Plating
Brass, Nickel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax PE33574
PE33574 REV 1.0
PE33574
BNC Male to BNC Male Cable Using 95 Ohm RG180 Coax


Similar Part No. - PE33574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33574-12 PASTERNACK-PE33574-12 Datasheet
367Kb / 3P
TECHNICAL DATA SHEET
PE33574-24 PASTERNACK-PE33574-24 Datasheet
367Kb / 3P
TECHNICAL DATA SHEET
PE33574-36 PASTERNACK-PE33574-36 Datasheet
368Kb / 3P
TECHNICAL DATA SHEET
PE33574-48 PASTERNACK-PE33574-48 Datasheet
367Kb / 3P
TECHNICAL DATA SHEET
PE33574-60 PASTERNACK-PE33574-60 Datasheet
368Kb / 3P
TECHNICAL DATA SHEET
More results

Similar Description - PE33574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE3264 PASTERNACK-PE3264 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable Using RG8X Coax
PE3075-84 PASTERNACK-PE3075-84 Datasheet
354Kb / 4P
BNC Male to BNC Male Cable 84 Inch Length Using 75 Ohm RG59 Coax
PE3C0054 PASTERNACK-PE3C0054 Datasheet
337Kb / 3P
BNC Male to BNC Male Cable Using LMR-195 Coax
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C3349 PASTERNACK-PE3C3349 Datasheet
377Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3349-24 PASTERNACK-PE3C3349-24 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-36 PASTERNACK-PE3C3349-36 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com