Electronic Components Datasheet Search
  English  ▼

X  

MB90F455 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F455
Description  16-bit Proprietary Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F455 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F455 Datasheet HTML 9Page - fujitsu semiconductor MB90F455 Datasheet HTML 10Page - fujitsu semiconductor MB90F455 Datasheet HTML 11Page - fujitsu semiconductor MB90F455 Datasheet HTML 12Page - fujitsu semiconductor MB90F455 Datasheet HTML 13Page - fujitsu semiconductor MB90F455 Datasheet HTML 14Page - fujitsu semiconductor MB90F455 Datasheet HTML 15Page - fujitsu semiconductor MB90F455 Datasheet HTML 16Page - fujitsu semiconductor MB90F455 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
MB90455 Series
13
•••• Caution on Operations during PLL Clock Mode
• If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even
when there is no external oscillator or external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.
•••• Sequence of turning on power of A/D converter and applying analog input
• Be sure to turn on digital power (Vcc) before applying signals to the A/D converter and applying analog input
signals (AN0 to AN7 pins).
• Be sure to turn off the power of A/D converter and analog input before turning off the digital power source.
• Be sure not to apply AVR exceeding AVcc when turning on and off. (No problems occur if analog and digital
power is turned on and off simultaneously.)
•••• Handling pins when A/D converter is not used
• If the A/D converter is not used, connect the pins under the following conditions: “AVcc=AVR=Vcc,” and
“Avss=Vss”
•••• Note on turning on power
• For preventing malfunctions on built-in step-down circuit, maintain a minimum of 50
µs of voltage rising time
(between 0.2 V and 2.7 V) when turning on the power.
•••• Stabilization of supply voltage
• A sudden change in the supply voltage may cause the device to malfunction even within the specified Vcc
supply voltage operating range. Therefore, the Vcc supply voltage should be stabilized.
For reference, the supply voltage should be controlled so that Vcc ripple variations (peak-to-peak values) at
commercial frequencies (50 Hz to 60 Hz) fall below 10
% of the standard VCC supply voltage and the coefficient
of fluctuation does not exceed 0.1 V/ms at instantaneous power switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com