Electronic Components Datasheet Search
  English  ▼

X  

MB90F455 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB90F455
Description  16-bit Proprietary Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F455 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90F455 Datasheet HTML 30Page - fujitsu semiconductor MB90F455 Datasheet HTML 31Page - fujitsu semiconductor MB90F455 Datasheet HTML 32Page - fujitsu semiconductor MB90F455 Datasheet HTML 33Page - fujitsu semiconductor MB90F455 Datasheet HTML 34Page - fujitsu semiconductor MB90F455 Datasheet HTML 35Page - fujitsu semiconductor MB90F455 Datasheet HTML 36Page - fujitsu semiconductor MB90F455 Datasheet HTML 37Page - fujitsu semiconductor MB90F455 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
MB90455 Series
34
•••• Detailed pin assignment on block diagram
The 16-bit input/output timer includes a 16-bit free-run timer. Interrupt request number of the 16-bit free-run
timer is as follows:
Interrupt request number: 19 (13H)
•••• Prescaler
The prescaler divides a machine clock and provides a counter clock to the 16-bit up counter. Dividing ratio of
the machine clock is specified by timer counter control status register (TCCS) among four values.
•••• Timer counter data register (TCDT)
The timer counter data register is a 16-bit up counter. A current counter value of the 16-bit free-run timer is read.
Writing a value during halt of the counter allows setting an arbitrary counter value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com