Electronic Components Datasheet Search
  English  ▼

X  

MF602F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF602F
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF602F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF602F Datasheet HTML 1Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
MF602F
Data sheet subject to change without notice
RDPS-MF017(R1)03/04/2002
SHEET 5 OF 11
4.2.Electrical specification:
The low pass filter shall satisfy the following parametric limits with a complex impedance ZL
shown in this table across the Line side of this device .
The following requirement is specified for a single splitter and with three added parallel
filters.
Electrical requirements
Splitter parameter
Range
values
Frequency range
Splitter bandwith
DC to 4KHz
Nominal voice band
0.3KHz to 3.4KHz
Ringing frequency
15.3Hz to 68Hz
ADSL band
30KHz to 1104KHz
Line Impedance ZL
270ohm + (750ohm
|| 150nF)
CO impedance ZTc
270ohm + (750ohm
|| 150nF)
RT impedance ZTr
270ohm + (750ohm
|| 150nF)
Modem impedance
30KHz< f< 1104KHz
100 ohm
Operation voltage voice band
Nominal signal
21mVpp to 5.4 Vpp
Ringing signal
40Vrms to 150Vrms(113Vpp
to 424 Vpp)
DC voltage
0V to -60V ANSI 6.98
Max. AC voltage
150Vrms with -105VDC offset
Max. differential
320V
Current voice band
Loop current
<100mA
Transient current(on/off hook)
<150mA
DC Resistance
DC Resistance
<=25 ohm
Isolation resistance tip/ring
>5 Mohm
Voice –band characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com