Electronic Components Datasheet Search
  English  ▼

X  

MF602F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MF602F
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF602F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MF602F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 10Page - List of Unclassifed Manufacturers MF602F Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
MF602F
Data sheet subject to change without notice
RDPS-MF017(R1)03/04/2002
SHEET 9 OF 11
5.
Environmental condition:
5.1. EMC , surge and power- contact:
The splitter has to comply with EMC Requirements as per ITU-T K21, so the following
requirements must be taken into consideration:
No.
Test item
Test specification
Number of tests
1
Lightning
surge simulation
1500V , 10/700
µs ,200ms
10
2
Power induction
600V, 1s
5
3
Power contact
230V , 15 minutes
1
5.2. Climatic condition:
5.2.1.
Operating temperature:
Application
indoor
Low ambient temperature
-5
0C
High ambient temperature
+45
0C
(according to ETS 300 019, class 3.2)
5.2.2.
Storage and transport:
Low ambient temperature
-20
0C
High ambient temperature
+85
0C
(according to ETS 300 019, transport: class 2.3, storage: class 1.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com