Electronic Components Datasheet Search
  English  ▼

X  

MIC3839 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3839
Description  Flexible Push-Pull PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3839 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3839 Datasheet HTML 1Page - Micrel Semiconductor MIC3839 Datasheet HTML 2Page - Micrel Semiconductor MIC3839 Datasheet HTML 3Page - Micrel Semiconductor MIC3839 Datasheet HTML 4Page - Micrel Semiconductor MIC3839 Datasheet HTML 5Page - Micrel Semiconductor MIC3839 Datasheet HTML 6Page - Micrel Semiconductor MIC3839 Datasheet HTML 7Page - Micrel Semiconductor MIC3839 Datasheet HTML 8Page - Micrel Semiconductor MIC3839 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
4
August 2003
Electrical Characteristics (Note 5)
T
A = TJ = –40°C to +85°C, VDD=10V, Note 10,1µF capacitor from VDD to GND, R=22kΩ, C=330pF.
Parameter
Condition
Min
Typ
Max
Units
Internal Reference Section
Output voltage
I
OUT = 0mA
2.85
3.0
3.15
V
Line Regulation
MIC3838 9V
≤ V
DD ≤12V
2
10
mV
MIC3839 5V
≤ V
DD ≤12V
Load Regulation
I
OUT = 1mA
14
30
mV
Oscillator Section
Oscillator Frequency
180
200
220
kHz
Oscillator Amplitude/V
DD
Note 6
0.44
0.5
0.56
V/V
DD
Error Amp Section
Input Voltage
COMP = 2V
1.95
2
2.05
V
Input Bias Current
–1
1
µA
Open Loop Voltage Gain
(Guaranteed by design)
60
80
dB
COMP Sink Current
FB = 2.2V, COMP = 1V
0.3
2.5
mA
COMP Source Current
FB = 1.3V, COMP = 3V, Note 7
–0.15
–0.5
mA
COMP PM Clamp Voltage
V
FB = 0V
3.1
3.6
4.0
V
PWM Section
Maximum Duty Cycle
Measured at OUTA or OUTB
48
49
50
%
Minimum Duty Cycle
COMP = 0V
0%
Current Sense Section
Gain
Guaranteed by design, Note 8
1.9
2.2
2.5
V/V
I
LIM Maximum Input Signal
Note 9
0.45
0.5
0.55
V
I
LIM to Output Delay
COMP = 3V, I
LIM from 0mV to 600mV
70
200
ns
Ramp or I
LIM Source Current
–200
nA
Ramp or I
LIM Sink Current
Ramp = I
LIM = 0.5V, RC = 5.5V Note 10
510
mA
I
LIM Over Current Threshold
0.7
0.75
0.8
V
COMP to Ramp Offset
Ramp = I
LIM = 0V
0.35
0.8
1.2
V
Output Section
OUT Low Level
I = 100mA
0.5
1
V
OUT High Level
I = –50mA, V
DD – OUT
0.5
1
V
Rise Time
C
L = 1nF
25
60
ns
Fall Time
C
L = 1nF
25
60
ns
Absolute Maximum Rating (Note 1)
Supply Voltage (I
DD ≤10mA) ...................................... +15V
Supply Current ........................................................... 20mA
OUTA/OUTB Source Current (peak) ...................... –0.5A
OUTA/OUTB Sink Current (peak) ............................ 1.0A
COMP Pin .................................................................... V
DD
Analog Inputs (FB, ILIM, RAMP) ......... –0.3V to V
DD +0.3V
NOT TO EXCEED 6V
Junction Temperature .............................. –55
°C to +150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +300
°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
V
DD Input Voltage (VDD) .......................................... Note 4
Oscillator Frequency (f
OSC) ....................... 10kHz to 1MHz
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP-10 (
θ
JA) .................................................. 115°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com