Electronic Components Datasheet Search
  English  ▼

X  

MLX90255BA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MLX90255BA
Description  Linear Optical Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90255BA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MLX90255BA Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Datasheet
MLX90255BA
Linear Optical Array
MLX90255BA Linear Optical Array
Page 3
Rev 1.2 08-Aug-01
3901090255
MLX90255BA Electrical specifications
All tests are made with 0.7ms integration time, at 1
0mW/cm² light = 100% at 25°C at 880nm and with a
clock speed of 500kHz in, 250kHz out, and 500kHz, unless otherwise specified in the Test Conditions.
100 % light under Test Conditions means that the light is set in such a way that there is 2.4V at the output
of the chip.
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Illumination
Illum100 At 25°C, 2.4V at output
11.4
14
16
µW/cm²
Average analog output (1)
VaoLight At 25°C, 100% light
1.5
1.7
2.1
V
Average analog output
Initial offset At 25°C, 0% light
0
0.15
0.3
V
Average analog output
VaoDark At 125°C, 0% light
0
0.40
1.4
V
Highest Dark Pixel
Vaodarkmax At 125°C, 0.25ms integration time
0.8
V
Non Linearity
Nlao1
All Temp
±0.5% ±1.2%
FS
Pixel Response Non Uniformity (2)
PRNU
All Temp, 100% light
±4.0% ±8.5%
FS
Pixel Interaction Test (3)
PIT
AT 25°C
5%
FS
Noise Level (4)
Vn
All Temp
3
6
mV (RMS)
Hold spec, same as PRNU
PRNUH All Temp, 100% light, 62.5kHz
±4.0% ±8.5%
FS
Output Settling Time
Ts
All Temp
450
750
ns
Array Lag (5)
Alag
At 25°C
0.5%
FS
Dark Signal Non Uniformity (6)
DSNU
At 25°C
At 125°C
80
140
120
440
mV
mV
Analog Output Saturation
All Temp
3.0
V
Change in sensitivity with
Temperature at 880nm (7)
0
0.3
0.8
%/°C
Operating Free Temp
-40
125
°C
Supply Current (8)
Idd
2
5
8
mA
(0) After power on, the first integration scan is not guaranteed correct. This scan is needed for initializing digital levels on chip. After a SI and 133 proper
CLK signals, the system is fully initialized and all further scans are valid. The next SI will provide a valid scan.
(1) Absolute Light measurements are very test-setup dependent and should be regarded with caution. Relative measurements are possible with
±1%
accuracy.
(2) PRNU is defined as the worst case deviation of any PixelValue (pixel 3 till 130) to the average light value. PixelValue = (Vout of a pixel at 100% light
– Vout of same pixel at 0% light) The 90255BA has a cosign shaped gain: external pixels have 15% more gain than middle pixels.
(3) PIT = (Vout of pixel 132 @ 10µW – Vout of pixel 132 @0µW) / (Vaverage @10µW – Vaverage @10µW)
(4) Noise: We compare 5 different measurements, normalize them and then take the RMS value.
(5) Array Lag is defined as: (Vaverage 0µW
1 Vaverage 0µW2) / ((Vaverage 10µW Vaverage 0µW2). Where 0µW1 is a 0% light level, 1ms after a 100%
light level. (there can still be some light effects). 0µW
2 is a 0% light level, 10ms after a 100% light level, which should be a true dark reference.
(6) DSNU is defined as: (max Vout of pixel I @ 0% light) - (min Vout of pixel j @ 0% light) for pixels 3 thru 130
(7) Sensitivity always increases with rising temperature.
(8) Idd is measured with Rload disconnected from the output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com