Electronic Components Datasheet Search
  English  ▼

X  

MLX90255BA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MLX90255BA
Description  Linear Optical Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90255BA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90255BA Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90255BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet
MLX90255BA
Linear Optical Array
MLX90255BA Linear Optical Array
Page 4
Rev 1.2 08-Aug-01
3901090255
General Description
(continued from page 1)
As the SI pulse is clocked through the shift
register, the charge stored on the sampling
capacitors is sequentially connected to a charge-
coupled output amplifier that generates a voltage
on the analog output AO. Two dummy pixel
values are shifted out first, then the 128 actual
pixel bits, followed by two additional dummy
pixel bits, for a total of 132 data bits. Although
there are only 132 pixels, 133 clock pulses are
necessary for a complete shift out. The final
pulse is used to re-initialize the shift register.
The integrator reset period ends 18 clock cycles
after the SI pulse is clocked in. So the light-
integration starts after the 18
th CLK pulse. The
light-integration ends at the next SI pulse.
Between the end of the 133
th clock pulse and the
next SI pulse, a minimum time of 10µs is
necessary for an effective S&H function. So the
minimum integration time of the MLX90255BA is
(133 -18) * Ts + 10µs and thus dependent on
clock speed. (Ts = clock period) After the 132
data bits are clocked out, the output becomes
high impedance. (see figure) The AO is driven
by a source follower that requires an external
pulldown resistor. (typically 33
0Ω) The output is
nominally 125mV for no light input and 2.4V for a
nominal full-scale output. The pixel gain is 15%
bigger at the edges than in the middle (cosine
correction) in order to get a flat output when
illuminating the device with a single LED light
source.
The MLX90255BA is intended for use in a wide
variety
of
applications,
including:
image
scanning, mark and code reading, optical
character
recognition
(OCR)
and
contact
imaging, edge detection and positioning, and
optical
linear
and
rotary
encoding.
The
MLX90255BA is a replacement for the Texas
Instruments' TSL1301 and TSL1401 parts.
Absolute Maximum Ratings
Supply Voltage, Vdd
+7V
Digital Input Current Range
-20 to 20 mA
Operating Free-Air temperature
range, Ta
-40°C to 125°C
(automotive compliant
optical package)
Storage temperature range,
Tstg
-40°C to 125°C
Lead Temperature
1.6mm (1/16 inch) from case for
10 seconds
260°C
Stresses beyond those listed under "absolute
maximum
ratings"
may
cause
permanent
damage to the device.
These are stress ratings only, and functional
operation of the device at these or any other
conditions
beyond
those
indicated
under
"recommended operating conditions" is not
implied.
Exposure
to
absolute-maximum
-rated
conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com