Electronic Components Datasheet Search
  English  ▼

X  

AD7490 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 2 Page - Analog Devices

  AD7490 Datasheet HTML 1Page - Analog Devices AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AD7490* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7490 Evaluation Board
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-931: Understanding PulSAR ADC Support Circuitry
Data Sheet
• AD7490-DSCC: Military Data Sheet
• AD7490-EP: Enhanced Product Data Sheet
• AD7490: 16-Channel, 1MSPS, 12-Bit ADC with Sequencer
in 28-Lead TSSOP Data Sheet
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-446: Evaluating the AD7490 Successive
Approximation ADC
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD7490 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
• AD7490 Evaluation Software
• BeMicro FPGA Project for AD7490 with Nios driver
REFERENCE MATERIALS
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
Tutorials
• MT-001: Taking the Mystery out of the Infamous Formula,
"SNR=6.02N + 1.76dB", and Why You Should Care
• MT-002: What the Nyquist Criterion Means to Your
Sampled Data System Design
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
DESIGN RESOURCES
• AD7490 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7490 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com