Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
REV. 0
–9–
AD7650
Typical Performance Characteristics–
CODE
4
3
–4
0
16384
65536
32768
49152
0
–1
–2
–3
2
1
TPC 1. Integral Nonlinearity
vs. Code
CODE – Hexa
8001
7FFC
8000
7FFD
7FFF
7000
6000
5000
4000
8000
8002
8003
8004
8005
3000
2000
1000
0
7FFE
12
0
00
0
14
850
759
7396
7353
TPC 4. Histogram of 16,384
Conversions of a DC Input at the
Code Center
FREQUENCY – kHz
–60
0
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
10
100
1k
110
105
100
95
90
85
80
75
70
65
60
SFDR
THD
2ND HARMONIC
3RD HARMONIC
115
TPC 7. THD, Harmonics, and SFDR
vs. Frequency
CODE
3
0
16384
65536
32768
49152
0
–1
–2
–3
2
1
TPC 2. Differential Nonlinearity
vs. Code
FREQUENCY – kHz
0
0
57
228
114
171
–60
–80
–100
–120
–20
–40
–140
–160
285
fS = 571kSPS
fIN = 45.01kHz
SNR = 87dB
THD = –96dB
SFDR = 98dB
SINAD = 86.5dB
TPC 5. FFT Plot
SAMPLING RATE – SPS
100k
0.001
0.1
10k
1k
100
10
1
0.1
0.01
1
10
100
1k
10k
100k
1M
AVDD, WARP/NORMAL
DVDD, WARP/NORMAL
AVDD, IMPULSE
DVDD, IMPULSE
OVDD, ALL MODES
TPC 8. Operating Currents
vs. Sample Rate
CODE – Hexa
10000
8002
7FFD
8001
7FFE
8000
7000
6000
5000
4000
9000
8000
8003
8004
8005
8006
3000
2000
1000
0
0
0
79
151
1
0
0
7FFF
3336
3303
9514
TPC 3. Histogram of 16,384
Conversions of a DC Input at the
Code Transition
FREQUENCY – kHz
100
110
1k
100
85
80
75
70
95
90
ENOB
SNR
SINAD
15.0
14.5
14.0
13.5
13.0
12.5
12.0
TPC 6. SNR, S/(N+D), and ENOB
vs. Frequency
50
0
CL – pF
200
50
20
10
0
100
150
30
40
OVDD = 2.7V, 85 C
OVDD = 2.7V, 25 C
OVDD = 5V, 85 C
OVDD = 5V, 25 C
TPC 9. Typical Delay vs. Load
Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com