Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
REV. 0
AD7650
–10–
CIRCUIT INFORMATION
The AD7650 is a very fast, low power, single supply, precise
16-bit analog-to-digital converter (ADC). The AD7650 features
different modes to optimize performances according to the
applications.
In warp mode, the AD7650 is capable of converting 570,000
samples per second (570 kSPS).
The AD7650 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
The AD7650 can be operated from a single 5 V supply and be
interfaced to either 5 V or 3 V digital logic. It is housed in 48-lead
LQFP or in a tiny 48-LFCSP packages that save space and allows
flexible configurations as either serial or parallel interface. The
AD7650 is pin-to-pin compatible with the AD7664.
CONVERTER OPERATION
The AD7650 is a successive-approximation analog-to-digital
converter based on a charge redistribution DAC. Figure 3 shows
the simplified schematic of the ADC. The capacitive DAC consists
of an array of 16 binary weighted capacitors and an additional
“LSB” capacitor. The comparator’s negative input is connected to
a “dummy” capacitor of the same value as the capacitive DAC array.
During the acquisition phase, the common terminal of the array
tied to the comparator’s positive input is connected to AGND via
SWA. All independent switches are connected to the analog input
IN+. Thus, the capacitor array is used as a sampling capacitor
and acquires the analog signal on IN+ input. Similarly, the
“dummy” capacitor acquires the analog signal on IN– input.
When the CNVST input goes low, a conversion phase is initiated.
When the conversion phase begins, SWA and SWB are opened
first. The capacitor array and the “dummy” capacitor are then
disconnected from the inputs and connected to the REFGND
input. Therefore, the differential voltage between IN+ and
IN– captured at the end of the acquisition phase is applied to
the comparator inputs, causing the comparator to become unbal-
anced. By switching each element of the capacitor array between
REFGND or REF, the comparator input varies by binary-
weighted voltage steps (VREF /2, VREF /4, ...VREF /65536). The
control logic toggles these switches, starting with the MSB first,
to bring the comparator back into a balanced condition. After
the completion of this process, the control logic generates the
ADC output code and brings BUSY output low.
Modes of Operation
The AD7650 features three modes of operations, Warp, Normal,
and Impulse. Each of these modes is more suitable for specific
applications.
The Warp mode allows the fastest conversion rate up to 570 kSPS.
However, in this mode, and this mode only, the full specified
accuracy is guaranteed only when the time between conversion
does not exceed 1 ms. If the time between two consecutive
conversions is longer than 1 ms, for instance, after power-up,
the first conversion result should be ignored. This mode makes
the AD7650 ideal for applications where both high accuracy and
fast sample rate are required.
The normal mode is the fastest mode (500 kSPS) without any
limitation about the time between conversions. This mode makes the
AD7650 ideal for asynchronous applications such as data acqui-
sition systems, where both high accuracy and fast sample rate are
required. It is selected when both IMPULSE and WARP are low.
The impulse mode, the lowest power dissipation mode, allows
power saving between conversions. When operating at 100 SPS,
for example, it typically consumes only 21
µW. This feature
makes the AD7650 ideal for battery-powered applications.
SWA
COMP
SWB
IN+
REF
REFGND
LSB
MSB
32,768C
IN–
16,384C
4C
2C
C
C
65,536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
CNVST
Figure 3. ADC Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com