Electronic Components Datasheet Search
  English  ▼

X  

AD7660 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7660
Description  16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7660 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7660 Datasheet HTML 7Page - Analog Devices AD7660 Datasheet HTML 8Page - Analog Devices AD7660 Datasheet HTML 9Page - Analog Devices AD7660 Datasheet HTML 10Page - Analog Devices AD7660 Datasheet HTML 11Page - Analog Devices AD7660 Datasheet HTML 12Page - Analog Devices AD7660 Datasheet HTML 13Page - Analog Devices AD7660 Datasheet HTML 14Page - Analog Devices AD7660 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
REV.
E
AD7660
–10–
CIRCUIT INFORMATION
The AD7660 is a fast, low power, single-supply, precise 16-bit
analog-to-digital converter (ADC). The AD7660 is capable of
converting 100,000 samples per second (100 kSPS) and allows
power saving between conversions. When operating at 100 SPS,
for example, it consumes typically only 21
mW. This feature
makes the AD7660 ideal for battery-powered applications.
The AD7660 provides the user with an on-chip track-and-
hold, successive-approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
The AD7660 can be operated from a single 5 V supply and be
interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP package or a 48-lead LFCSP package that com-
bines space savings and allows flexible configurations as either
serial or parallel interface. The AD7660 is pin-to-pin compatible
with the AD7664.
CONVERTER OPERATION
The AD7660 is a successive-approximation analog-to-digital
converter based on a charge redistribution DAC. Figure 3 shows
the simplified schematic of the ADC. The capacitive DAC consists
of an array of 16 binary weighted capacitors and an additional
LSB capacitor. The comparator’s negative input is connected to
a “dummy” capacitor of the same value as the capacitive
DAC array.
During the acquisition phase, the common terminal of the array
tied to the comparator’s positive input is connected to AGND
via SWA. All independent switches are connected to the analog
input IN. Thus, the capacitor array is used as a sampling capaci-
tor and acquires the analog signal on IN input. Similarly, the
dummy capacitor acquires the analog signal on the INGND input.
When the acquisition phase is complete and the
CNVST input
goes or is LOW, a conversion phase is initiated. When the con-
version phase begins, SWA and SWB are opened first. The
capacitor array and the dummy capacitor are then disconnected
from the inputs and connected to the REFGND input. There-
fore, the differential voltage between IN and INGND captured
at the end of the acquisition phase is applied to the comparator
inputs, causing the comparator to become unbalanced.
By switching each element of the capacitor array between REFGND
or REF, the comparator input varies by binary weighted voltage
steps (VREF/2, VREF/4 . . . VREF/65536). The control logic toggles
these switches, starting with the MSB first, in order to bring the
comparator back into a balanced condition. After the comple-
tion of this process, the control logic generates the ADC output
code and brings BUSY output LOW.
SWA
COMP
SWB
IN
REF
REFGND
LSB
LSB
MSB
32768C
INGND
16384C
4C
2C
C
65536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
CNVST
C
Figure 3. ADC Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com