Electronic Components Datasheet Search
  English  ▼

X  

AD7675 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7675
Description  16-Bit, 100 kSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7675 Datasheet HTML 13Page - Analog Devices AD7675 Datasheet HTML 14Page - Analog Devices AD7675 Datasheet HTML 15Page - Analog Devices AD7675 Datasheet HTML 16Page - Analog Devices AD7675 Datasheet HTML 17Page - Analog Devices AD7675 Datasheet HTML 18Page - Analog Devices AD7675 Datasheet HTML 19Page - Analog Devices AD7675 Datasheet HTML 20Page - Analog Devices AD7675 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
REV. A
AD7675
–17–
External Clock Data Read During Conversion
Figure 20 shows the detailed timing diagrams of this method.
During a conversion, while both
CS and RD are low, the result
of the previous conversion can be read. The data is shifted out,
MSB first, with 16 clock pulses, and is valid on both rising and
falling edges of the clock. The 16 bits have to be read before the
current conversion is complete. If that is not done, RDERROR is
pulsed high and can be used to interrupt the host interface to
prevent incomplete data reading. There is no “daisy chain”
feature in this mode, and RDC/SDIN input should always be
tied either high or low.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of 18 MHz at least is recommended to ensure
that all the bits are read during the first half of the conversion
phase. For this reason, this mode is more difficult to use.
MICROPROCESSOR INTERFACING
The AD7675 is ideally suited for traditional dc measurement
applications supporting a microprocessor, and ac signal process-
ing applications interfacing to a digital signal processor. The
AD7675 is designed to interface either with a parallel 8-bit or
16-bit wide interface or with a general purpose serial port or I/O
ports on a microcontroller. A variety of external buffers can be
used with the AD7675 to prevent digital noise from coupling
into the ADC. The following sections illustrate the use of the
AD7675 with an SPI-equipped microcontroller, and the
ADSP-21065L and ADSP-218x signal processors.
SPI Interface (MC68HC11)
Figure 22 shows an interface diagram between the AD7675 and
an SPI-equipped microcontroller like the MC68HC11. To
accommodate the slower speed of the microcontroller, the
AD7675 acts as a slave device and data must be read after con-
version. This mode also allows the “daisy chain” feature. The
convert command could be initiated in response to an internal
timer interrupt. The reading of output data, one byte at a time if
necessary, could be initiated in response to the end-of-conversion
signal (BUSY going low) using an interrupt line of the micro-
controller. The Serial Peripheral Interface (SPI) on the MC68HC11
is configured for master mode (MSTR) = 1, Clock Polarity Bit
(CPOL) = 0, Clock Phase Bit (CPHA) = 1 and SPI interrupt
enable (SPIE) = 1 by writing to the SPI Control Register (SPCR).
The IRQ is configured for edge-sensitive-only operation
(IRQE = 1 in OPTION register).
CNVST
SDOUT
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
BUSY
INVSCLK = 0
CS
EXT/
INT = 1
RD = 0
t35
t36
t37
t31
t32
t16
t3
Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert)
BUSY
BUSY
AD7675 #2
(UPSTREAM)
AD7675 #1
(DOWNSTREAM)
RDC/SDIN
SDOUT
CNVST
CS
SCLK
RDC/SDIN
SDOUT
CNVST
CS
SCLK
DATA
OUT
SCLK IN
CS IN
CNVST IN
BUSY
OUT
Figure 21. Two AD7675s in a “Daisy Chain” Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com