Electronic Components Datasheet Search
  English  ▼

X  

AD7675 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7675
Description  16-Bit, 100 kSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 3 Page - Analog Devices

  AD7675 Datasheet HTML 1Page - Analog Devices AD7675 Datasheet HTML 2Page - Analog Devices AD7675 Datasheet HTML 3Page - Analog Devices AD7675 Datasheet HTML 4Page - Analog Devices AD7675 Datasheet HTML 5Page - Analog Devices AD7675 Datasheet HTML 6Page - Analog Devices AD7675 Datasheet HTML 7Page - Analog Devices AD7675 Datasheet HTML 8Page - Analog Devices AD7675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
REV. A
–2–
AD7675–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ – VIN–
–VREF
+VREF
V
Operating Input Voltage
VIN+, VIN– to AGND
–0.1
+3
V
Analog Input CMRR
fIN = 10 kHz
79
dB
Input Current
100 kSPS Throughput
1
µA
Input Impedance
See Analog Input Section
THROUGHPUT SPEED
Complete Cycle
10
µs
Throughput Rate
0
100
kSPS
DC ACCURACY
Integral Linearity Error
–1.5
+1.5
LSB
1
No Missing Codes
16
Bits
Transition Noise
0.35
LSB
+Full-Scale Error
2
–22
+22
LSB
–Full-Scale Error
2
–22
+22
LSB
Zero Error
2
–8
+8
LSB
Power Supply Sensitivity
AVDD = 5 V
± 5%
±0.5
LSB
AC ACCURACY
Signal-to-Noise
fIN = 20 kHz
92
94
dB
3
fIN = 45 kHz
94
dB
3
Spurious Free Dynamic Range
fIN = 20 kHz
104.5
110
dB
3
fIN = 45 kHz
110
dB
3
Total Harmonic Distortion
fIN = 20 kHz
–110
–103.5
dB
3
fIN = 45 kHz
–110
dB
3
Signal-to-(Noise+Distortion)
fIN = 20 kHz
92
94
dB
3
fIN = 45 kHz
94
dB
3
fIN = 45 kHz, –60 dB Input
34
dB
3
–3 dB Input Bandwidth
3.9
MHz
SAMPLING DYNAMICS
Aperture Delay
2ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
8.75
µs
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD – 1.85
V
External Reference Current Drain
100 kSPS Throughput
35
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
DVDD + 0.3
V
IIL
–1
+1
µA
IIH
–1
+1
µA
DIGITAL OUTPUTS
Data Format
Parallel or Serial 16-Bit Conversion Results Available
Pipeline Delay
Immediately After Completed Conversion
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –100
µA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
4
V
Operating Current
300 kSPS Throughput
AVDD
3mA
DVDD
5
750
µA
OVDD
5
7.5
µA
Power Dissipation
5
100 kSPS Throughput
17
25
mW
100 SPS Throughput
15
µW
In Power-Down Mode
5
7
µW
TEMPERATURE RANGE
7
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means Least Significant Bit. With the
±2.5 V input range, one LSB is 76.3 µV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale unless otherwise specified.
4The max should be the minimum of 5.25 V and DVDD + 0.3 V.
5Tested in Parallel Reading Mode.
6With OVDD below DVDD + 0.3 V and all digital inputs forced to DVDD or DGND, respectively.
7Contact factory for extended temperature range.
Specifications subject to change without notice.
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com