Electronic Components Datasheet Search
  English  ▼

X  

AD7675AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD7675AST
Description  16-Bit, 100 kSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7675AST Datasheet HTML 5Page - Analog Devices AD7675AST Datasheet HTML 6Page - Analog Devices AD7675AST Datasheet HTML 7Page - Analog Devices AD7675AST Datasheet HTML 8Page - Analog Devices AD7675AST Datasheet HTML 9Page - Analog Devices AD7675AST Datasheet HTML 10Page - Analog Devices AD7675AST Datasheet HTML 11Page - Analog Devices AD7675AST Datasheet HTML 12Page - Analog Devices AD7675AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
REV. A
AD7675
–8–
–Typical Performance Characteristics
CODE
1.00
0
16384
32768
49152
65536
0.75
0.25
0.00
–0.50
–1.00
0.50
–0.25
–0.75
TPC 1. Integral Nonlinearity vs. Code
CODE IN HEXA
9000
7FFB
0
8000
6000
4000
2000
0000
7000
3000
1000
5000
7FFC
0
7FFD
0
7FFE
6
7FFF
8246
8000
8118
8001
14
8002
0
8003
0
8004
0
TPC 2. Histogram of 16,384 Conversions of a DC Input at
the Code Transition
POSITIVE INL – LSB
18
0.2
14
6
0
10
2
0.4
0.6
0.8
1.0
0
16
8
12
4
TPC 3. Typical Positive INL Distribution (40 Units)
CODE IN HEXA
16000
7FF9
0
12000
8000
4000
0000
14000
6000
2000
10000
7FFA
0
7FFB
0
7FFC
887
7FFD 7FFE
810
7FFF
0
8000
0
8001
0
8002
0
7FF8
0
14687
TPC 4. Histogram of 16,384 Conversions of a DC Input at
the Code Center
NEGATIVE INL – LSB
18
–0.8
14
6
0
10
2
–0.6
–0.4
–0.2
0.0
–1.0
16
8
12
4
TPC 5. Typical Negative INL Distribution (40 Units)
FREQUENCY – kHz
0
010
2030
50
–40
–80
–100
–140
–180
–60
–120
–160
40
–20
fS = 100 kSPS
fIN = 45.01kHz
SNR = 94dB
THD = –110dB
SFDR = 110dB
SINAD = 93.9dB
TPC 6. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com