Electronic Components Datasheet Search
  English  ▼

X  

AD7675AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD7675AST
Description  16-Bit, 100 kSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7675AST Datasheet HTML 6Page - Analog Devices AD7675AST Datasheet HTML 7Page - Analog Devices AD7675AST Datasheet HTML 8Page - Analog Devices AD7675AST Datasheet HTML 9Page - Analog Devices AD7675AST Datasheet HTML 10Page - Analog Devices AD7675AST Datasheet HTML 11Page - Analog Devices AD7675AST Datasheet HTML 12Page - Analog Devices AD7675AST Datasheet HTML 13Page - Analog Devices AD7675AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
REV. A
–9–
AD7675
FREQUENCY – kHz
100
90
70
80
10
1000
1
100
95
85
75
16.0
15.0
13.0
14.0
15.5
14.5
13.5
SNR
SINAD
ENOB
TPC 7. SNR, S/(N+D), and ENOB vs. Frequency
INPUT LEVEL – dB
96
94
88
–40
0
–60
–20
92
90
SNR
SINAD
–50
–30
–10
TPC 8. SNR and S/(N+D) vs. Input Level
TEMPERATURE – C
96
84
90
0
125
–55
85
93
87
SNR
THD
–35
45
105
25
–15
65
–104
–112
–108
–106
–110
TPC 9. SNR, THD vs. Temperature
CL – pF
50
0
20
200
0
40
10
100
50
150
30
OVDD = 5.0V @ 25 C
OVDD = 5.0V @ 85 C
OVDD = 2.7V @ 25 C
OVDD = 2.7V @ 85 C
TPC 10. Typical Delay vs. Load Capacitance CL
SAMPLING RATE – SPS
0.001
0.1
10
100
0.01
1k
100
10k
1
100k
10
1k
10k
100k
DVDD
OVDD
AVDD
TPC 11. Operating Currents vs. Sample Rate
TEMPERATURE – C
250
0
100
–15
105
–55
45
150
50
DVDD
–35
5
85
25
65
200
OVDD
AVDD
TPC 12. Power-Down Operating Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com