Electronic Components Datasheet Search
  English  ▼

X  

AD7899ARS-2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7899ARS-2
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899ARS-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7899ARS-2 Datasheet HTML 3Page - Analog Devices AD7899ARS-2 Datasheet HTML 4Page - Analog Devices AD7899ARS-2 Datasheet HTML 5Page - Analog Devices AD7899ARS-2 Datasheet HTML 6Page - Analog Devices AD7899ARS-2 Datasheet HTML 7Page - Analog Devices AD7899ARS-2 Datasheet HTML 8Page - Analog Devices AD7899ARS-2 Datasheet HTML 9Page - Analog Devices AD7899ARS-2 Datasheet HTML 10Page - Analog Devices AD7899ARS-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV. A
AD7899
–6–
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1VREF
Reference Input/Output. This pin is provides access to the internal reference (2.5 V
± 20 mV) and
also allows the internal reference to be overdriven by an external reference source (2.5 V
± 5%).
A 0.1
µF decoupling capacitor should be connected between this pin and GND.
2, 6
GND
Ground Pin. This pin should be connected to the system’s analog ground plane.
3, 4
VINB, VINA
Analog Inputs. See Analog Input Section.
5VDD
Positive Supply Voltage, 5.0 V
± 5%.
7–13
DB13–DB7
Data Bit 13 is the MSB, followed by Data Bit 12 to Data Bit 7. Three-state outputs.
14
OPGND
Output Driver Ground. This is the ground pin of the output drivers for D13 to D0 and BUSY/
EOC. It should
be connected to the system’s analog ground plane .
15
VDRIVE
This pin provides the positive supply voltage for the digital inputs and outputs. It is normally tied to VDD
but may also be powered by a 3 V
± 10% supply which allows the inputs and outputs to be interfaced
to 3 V processors and DSPs. VDRIVE should be decoupled with a 0.1
µF capacitor to GND.
16–22
DB6–DB0
Data Bit 6 to Data Bit 0. Three-state Outputs.
23
BUSY/
EOC
BUSY/
EOC Output. Digital output pin used to signify that a conversion is in progress or that a conversion
has finished. The function of the BUSY/
EOC is determined by the state of CONVST at the end of con-
version. See the Timing and Control Section.
24
RD
Read Input. Active low logic input which is used in conjunction with
CS low to enable the data outputs.
25
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
26
CONVST
Convert Start Input. Logic Input. A low to high transition on this input puts the track/hold into hold mode
and starts conversion.
27
CLKIN
Conversion Clock Input. CLKIN is an externally applied clock which allows the user to control the
conversion rate of the AD7899. If the CLKIN input is high on the rising edge of
CONVST an externally
applied clock will be used as the conversion clock. If the CLKIN is low on the rising edge of
CONVST
the internal laser-trimmed oscillator is used as the conversion clock. Each conversion needs sixteen clock
cycles in order for the conversion to be completed. The externally applied clock should have a duty cycle
no greater than 60/40. The CLKIN pin can be tied to GND if an external clock is not required.
28
STBY
Standby Mode Input. Logic input which is used to put the device into the power save or standby mode.
The
STBY input is high for normal operation and low for standby operation.
PIN CONFIGURATION
SOIC/SSOP
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7899
OPGND
DB7
DB8
DB9
DB10
DB11
DB12
VREF
GND
VINB
VINA
DB13
GND
VDD
VDRIVE
DB6
DB5
DB4
DB3
DB2
DB1
STBY
CLKIN
CONVST
CS
DB0
BUSY/
EOC
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com