Electronic Components Datasheet Search
  English  ▼

X  

AD7899ARS-2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7899ARS-2
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899ARS-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7899ARS-2 Datasheet HTML 9Page - Analog Devices AD7899ARS-2 Datasheet HTML 10Page - Analog Devices AD7899ARS-2 Datasheet HTML 11Page - Analog Devices AD7899ARS-2 Datasheet HTML 12Page - Analog Devices AD7899ARS-2 Datasheet HTML 13Page - Analog Devices AD7899ARS-2 Datasheet HTML 14Page - Analog Devices AD7899ARS-2 Datasheet HTML 15Page - Analog Devices AD7899ARS-2 Datasheet HTML 16Page - Analog Devices AD7899ARS-2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
REV. A
AD7899
–12–
Standby Mode Operation
The AD7899 has a Standby Mode whereby the device can be
placed in a low current consumption mode (5
µA typ). The
AD7899 is placed in Standby by bringing the logic input
STBY
low. The AD7899 can be powered again up for normal opera-
tion by bringing
STBY logic high. The output data buffers are
still operational while the AD7899 is in Standby. This means
the user can still continue to access the conversion results while
the AD7899 is in standby. This feature can be used to reduce
the average power consumption in a system using low throughput
rates. To reduce the average power consumption, the AD7899
can be placed in standby at the end of each conversion sequence
and taken out of standby again prior to the start of the next
conversion sequence. The time it takes the AD7899 to come out
of standby is called the “wake up” time. This wake-up time will
limit the maximum throughput rate at which the AD7899 can
be operated when powering down between conversions. When
the AD7899 is used with the internal reference, the reference
capacitor will begin to discharge during standby. The voltage
remaining on the capacitor at wake-up time will depend upon
the standby time and hence affect the wake-up time. The mini-
mum wake-up time is typically 2
µs. The maximum wake-up
time will be when the AD7899 has been in standby long enough
for the reference capacitor to fully discharge. The wake-up time
in this case will typically be 15 ms. The AD7899 will wake up in
approximately 1
µs when using an external reference, regardless
of sleep time.
When operating the AD7899 in a Standby mode between con-
versions, the power savings can be significant. For example,
with a throughput rate of 10 kSPS and an external reference, the
AD7899 will be powered up for 4.2
µs out of every 100 µs (2 µs
for wake-up time and 2.2
µs for conversion time). Therefore, the
average power consumption drops to 80 mW
× 4.2% or approxi-
mately 3.36 mW.
AD7899 DYNAMIC SPECIFICATIONS
The AD7899 is specified and 100% tested for dynamic perfor-
mance specifications as well as traditional dc specifications such
as Integral and Differential Nonlinearity. These ac specifications
are required for the signal processing applications such as phased
array sonar, adaptive filters, and spectrum analysis. These appli-
cations require information on the ADC’s effect on the spectral
content of the input signal. Hence, the parameters for which the
AD7899 is specified include SNR, harmonic distortion, inter-
modulation distortion, and peak harmonics. These terms are
discussed in more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fS/2) excluding dc. SNR is dependent
upon the number of quantization levels used in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical signal to noise ratio for a sine wave input is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits.
Thus for an ideal 14-bit converter, SNR = 86.04 dB.
Figure 9 shows a histogram plot for 8192 conversions of a dc
input using the AD7899 with 5 V supply. The analog input was
set at the center of a code transition. It can be seen that most of
the codes appear in one output bin, indicating very good noise
performance from the ADC.
0
1000
2000
3000
4000
5000
6000
7000
Figure 9. Histogram of 8192 Conversions of a DC Input
The output spectrum from the ADC is evaluated by applying a
sine wave signal of very low distortion to the analog input. A
Fast Fourier Transform (FFT) plot is generated from which the
SNR data can be obtained. Figure 10 shows a typical 4096 point
FFT plot of the AD7899 with an input signal of 100 kHz and a
sampling frequency of 400 kHz. The SNR obtained from this
graph is 80.5 dB. It should be noted that the harmonics are
taken into account when calculating the SNR.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CONVST/
CLKIN
EOC
CONVERSION
COMPLETE
START OF NEW
CONVERSION
(INPUT SAMPLED)
15
16
Figure 8. Continuous Conversion Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com