Electronic Components Datasheet Search
  English  ▼

X  

LT3010 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3010
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 5 Page - Linear Technology

  LT3010 Datasheet HTML 1Page - Linear Technology LT3010 Datasheet HTML 2Page - Linear Technology LT3010 Datasheet HTML 3Page - Linear Technology LT3010 Datasheet HTML 4Page - Linear Technology LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3010/LT3010-5
3010f
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Current
ADJ Pin Bias Current
SHDN PIN VOLTAGE (V)
0
0.2
0.4
0.6
0.1
0.3
0.5
12
3
4
3010 G13
5
0.5
0
1.5
2.5
3.5
4.5
TJ = 25°C
CURRENT FLOWS
OUT OF SHDN PIN
SHDN Pin Current
TEMPERATURE (
°C)
–50
0.7
25
3010 G14
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (
°C)
–50
70
25
3010 G15
40
20
–25
0
50
10
0
80
60
50
30
75
100
125
Current Limit
Reverse Output Current
INPUT VOLTAGE (V)
0
120
160
200
8
3010 G16
80
40
100
140
180
60
20
0
2
1
4
3
67
9
5
10
VOUT = 0V
TJ = 25°C
Current Limit
TEMPERATURE (
°C)
–50
0
20
60
80
100
200
140
0
50
75
3010 G17
40
160
180
120
–25
25
100
125
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
60
80
100
8
3010 G18
40
20
50
70
90
30
10
0
2
1
4
3
67
9
5
10
LT3010
LT3010-5
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT3010)
VOUT = VSENSE
(LT3010-5)
ADJ
PIN CLAMP
(SEE APPLICATIONS
INFORMATION)
Input Ripple Rejection
Reverse Output Current
Input Ripple Rejection
TEMPERATURE (
°C)
–50
21
25
3010 G19
12
6
–25
0
50
3
0
24
18
15
9
75
100
125
LT3010-5
LT3010
VIN = 0V
VOUT = VADJ = 1.275V (LT3010)
VOUT = VSENSE = 5V (LT3010-5)
TEMPERATURE (
°C)
–50
60
62
66
68
70
80
74
0
50
75
3010 G20
64
76
78
72
–25
25
100
125
VIN = 7V + 0.5VP-P RIPPLE AT f = 120Hz
IL = 50mA
VOUT = 1.275V
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
3010 G21
30
20
10
0
90
100
VIN = 7V + 50mVRMS RIPPLE
IL = 50mA
COUT = 10µF
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com