Electronic Components Datasheet Search
  English  ▼

X  

LT3010 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3010
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3010 Datasheet HTML 3Page - Linear Technology LT3010 Datasheet HTML 4Page - Linear Technology LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology LT3010 Datasheet HTML 10Page - Linear Technology LT3010 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3010/LT3010-5
3010f
OUT (Pin 1): Output. The output supplies power to the
load. A minimum output capacitor of 1
µF is required to
prevent oscillations. Larger output capacitors will be re-
quired for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE (Pin 2): Sense. For the LT3010-5, the SENSE pin
is the input to the error amplifier. Optimum regulation will
be obtained at the point where the SENSE pin is connected
to the OUT pin of the regulator. In critical applications,
small voltage drops are caused by the resistance (RP) of
PC traces between the regulator and the load. These may
be eliminated by connecting the SENSE pin to the output
at the load as shown in Figure 1 (Kelvin Sense Connec-
tion). Note that the voltage drop across the external PC
traces will add to the dropout voltage of the regulator. The
SENSE pin bias current is 10
µAatthenominalratedoutput
voltage.
ADJ (Pin 2): Adjust. For the adjustable LT3010, this is the
input to the error amplifier. This pin is internally clamped
to
±7V. It has a bias current of 50nA which flows into the
pin (see curve of ADJ Pin Bias Current vs Temperature in
the Typical Performance Characteristics). The ADJ pin
voltage is 1.275V referenced to ground, and the output
voltage range is 1.275V to 60V.
GND (Pin 4, Tab): Ground. The exposed backside of the
package is an electrical connection for GND. As such, to
ensure optimum device operation, the exposed pad must
be connected directly to pin 4 on the PC board.
SHDN (Pin 5): Shutdown. The SHDN pin is used to put the
LT3010 into a low power shutdown state. The output will
be off when the SHDN pin is pulled low. The SHDN pin can
be driven either by 5V logic or open-collector logic with a
pull-up resistor. The pull-up resistor is only required to
supply the pull-up current of the open-collector gate,
normally several microamperes. If unused, the SHDN pin
can be left open circuit. The device will be active, output
on, if the SHDN pin is not connected.
IN (Pin 8): Input. Power is supplied to the device through
the IN pin. A bypass capacitor is required on this pin if the
device is more than six inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT3010 is designed to withstand reverse voltages on the
IN pin with respect to ground and the OUT pin. In the case
of a reversed input, which can happen if a battery is
plugged in backwards, the LT3010 will act as if there is a
diode in series with its input. There will be no reverse
current flow into the LT3010 and no reverse voltage will
appear at the load. The device will protect both itself and
the load.
PI FU CTIO S
IN
SHDN
LT3010
VIN
OUT
SENSE
GND
1
RP
2
8
5
4, TAB
3010 F01
+
+
LOAD
Figure 1. Kelvin Sense Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com