Electronic Components Datasheet Search
  English  ▼

X  

MCP6141 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 24Page - Microchip Technology MCP6141 Datasheet HTML 25Page - Microchip Technology MCP6141 Datasheet HTML 26Page - Microchip Technology MCP6141 Datasheet HTML 27Page - Microchip Technology MCP6141 Datasheet HTML 28Page - Microchip Technology MCP6141 Datasheet HTML 29Page - Microchip Technology MCP6141 Datasheet HTML 30Page - Microchip Technology MCP6141 Datasheet HTML 31Page - Microchip Technology MCP6141 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2002 Microchip Technology Inc.
DS21668A-page 29
MCP6141/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6141:
CMOS Single Op Amp
MCP6141T: CMOS Single Op Amp
(Tape and Reel for SOIC, MSOP)
MCP6142:
CMOS Dual Op Amp
MCP6142T: CMOS Dual Op Amp
(Tape and Reel for SOIC and TSSOP)
MCP6143:
CMOS Single Op Amp w/CS Function
MCP6143T: CMOS Single Op Amp w/CS Function
(Tape and Reel for SOIC and MSOP)
MCP6144:
CMOS Quad Op Amp
MCP6144T: CMOS Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
I
= -40°C to +85°C
Package:
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
ST = Plastic TSSOP (4.4mm Body), 14-lead
Examples:
a)
MCP6141-I/P:
Industrial temperature,
PDIP package.
b)
MCP6141T-I/SN: Tape and Reel, Indus-
trial temperature, SOIC package.
a)
MCP6142-I/SN:
Industrial temperature,
SOIC package.
b)
MCP6142-I/MS:
Industrial temperature,
MSOP package.
a)
MCP6143-I/MS:
Industrial temperature,
MSOP package.
b)
MCP6143-I/P:
Industrial temperature,
PDIP package.
a)
MCP6144-I/SL:
Industrial temperature,
SIOC package.
b)
MCP6144T-I/ST: Tape and Reel, Indus-
trial temperature, TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com