Electronic Components Datasheet Search
  English  ▼

X  

MCP6141 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP6141/2/3/4
21668A-page 12
2002 Microchip Technology Inc.
FIGURE 3-5:
Timing Diagram for the CS
function on the MCP6143 op amp.
3.8
Layout Considerations
Good PC board layout techniques will help you achieve
the performance shown in the specifications and typical
performance curves. It will also assist in minimizing
Electro-Magnetic Compatibility (EMC) issues.
3.8.1
SURFACE LEAKAGE
In applications where low input bias current is critical,
PC board surface leakage effects and signal coupling
from trace to trace need to be considered.
Surface leakage is caused by a difference in voltage
between traces, combined with high humidity, dust or
other contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces
is 1012
Ω. A 5V difference would cause 5 pA of current
to flow, which is greater than the input current of the
MCP6141/2/3/4 family at 25°C (1 pA, typ).
The simplest technique to reduce surface leakage is
using a guard ring around sensitive pins (or traces).
The guard ring is biased at the same voltage as the
sensitive pin or trace. Figure 3-6 shows an example of
a typical layout.
FIGURE 3-6:
Example of Guard Ring
layout.
Circuit schematics for different guard ring implementa-
tions are shown in Figure 3-7. Figure 3-7A biases the
guard ring to the input common mode voltage, which is
most effective for non-inverting gains. Figure 3-7B
biases the guard ring to a reference voltage (VREF,
which can be ground), which is useful for inverting
gains and precision photo sensing circuits.
FIGURE 3-7:
Two possible guard ring
connection strategies to reduce surface leakage
effects.
3.8.2
COMPONENT PLACEMENT
In order to help prevent crosstalk:
• Separate digital components from analog compo-
nents, and low speed devices from high speed
devices.
• Keep sensitive traces short and straight. Separate
them from interfering components and traces.
This is especially important for high frequency
(low rise time) signals.
• Use a 0.1 µF supply bypass capacitor within 0.1”
(2.5 mm) of the VDD pin. It must connect directly
to the ground plane.
VIL
Hi-Z
tON
VIH
CS
tOFF
VOUT
IVDD
20 pA, typ
Hi-Z
IVSS
ICS
5 pA, typ
5pA, typ
20 pA, typ
0.6 µA, typ
5 pA, typ
0.6 µA, typ
5pA, typ
Guard Ring
VSS
IN-
IN+
VREF
MCP614X
Figure 3-7A
Figure 3-7B
VDD
VREF
MCP614X
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com