Electronic Components Datasheet Search
  English  ▼

X  

MN100314 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MN100314
Description  LOW POWER QUINT DIFFERENTIAL LINE RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MN100314 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MN100314 Datasheet HTML 1Page - National Semiconductor (TI) MN100314 Datasheet HTML 2Page - National Semiconductor (TI) MN100314 Datasheet HTML 3Page - National Semiconductor (TI) MN100314 Datasheet HTML 4Page - National Semiconductor (TI) MN100314 Datasheet HTML 5Page - National Semiconductor (TI) MN100314 Datasheet HTML 6Page - National Semiconductor (TI) MN100314 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARY DATA SHEET
MN100314-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Storage Temperature (Tstg)
-65 C to +150 C
Maximum Junction Temperature (Tj)
+175 C
Ceramic
+150 C
Plastic
Vee Pin Potential to Ground Pin
-7.0V to +0.5V
Input Voltage (DC)
Vee to +0.5V
Output Current (DC Output HIGH)
-50mA
ESD
(Note 2)
> 2000V
Note 1:
Absolute maximum ratings are those values beyond which the device may be damaged or
have its useful life impaired.
Functional operation under these conditions is not
implied.
Note 2:
ESD testing conforms to MIL-STD-883, Method 3015.
Recommended Operating Conditions
Case Temperature (Tc)
0 C to +85 C
Commercial
-55 C to +125 C
Military
-40 C to +85 C
Industrial
Supply Voltage (Vee)
-5.7V to -4.2V
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com