Electronic Components Datasheet Search
  English  ▼

X  

200A Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # 200A
Description  8.0 x 3.8mm Watch crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

200A Datasheet(HTML) 2 Page - Advanced Crystal Technology

  200A Datasheet HTML 1Page - Advanced Crystal Technology 200A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
‐190
‐180
‐170
‐160
‐150
‐140
‐130
‐120
‐110
‐100
‐90
‐80
‐70
‐60
‐50
‐40
‐30
‐20
‐10
0
10
‐40
‐30
‐20
‐10
0
102030405060708090
Temperature °C
X‐Y cut :  Frequency stability v temperature
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
⑥
④
⑦
⑧
⑨
Drawing control: (Internal use only) 
Issue number : N1
Date : 01/02/2017
Commodity code : 854160 00 00
Internal reference : E2
Frequency stability vs Temperature
Soldering profile
200A Series
8.0 x 3.8mm Watch crystal
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com