Electronic Components Datasheet Search
  English  ▼

X  

200A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # 200A
Description  8.0 x 3.8mm Watch crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

200A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  200A Datasheet HTML 1Page - Advanced Crystal Technology 200A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200A Series
REACH and RoHS compliant
Plastic encapsulated watch crystal
Specification
                                   Parameters                                                                                              Specification                                                                   Remarks
 Frequency 
F_nom
 32.768kHz
 
 Frequency tolerance
F_tol
 ±5ppm,  ±10ppm,  ±20ppm   At  25°C ± 3°C
 Operating temperature range 
T_use
 ‐40°C ~ +85°C
 Storage temperature 
T_stg
 ‐55°C ~ +125°C
 Temperature coefficient
K
‐0.04ppm/°C²
 Turnover temperature
Ti
 25°C ± 5°C
 Load capacitance
CL
6pF, 12.5pF
 Equivalent series resistance 
ESR
50KΩ max
 
 Shunt capacitance
C0
0.9pF typical
 Motional capacitance
C1
1.8fF typical
 Drive level
DL
1.0μW max
 Frequency aging
F_age
±3.0ppm max
 First year
 8.0 x 3.8mm Watch crystal
Dimensions (mm)
Part number generation
EK
00003
G
I
H
D
‐PF
ACT
Series Code
Frequency
(KHz)
 Frequency 
Tolerance (±ppm)
 Operating Temperature 
Range (°C)
  Load capacitance     
(CL)
Packaging             
(Tape & Reel)
RoHS
EK
32.768kHz  =  00003
±5 = A
±10 = C
±20 = G
‐40 ~ +85 = I
 
  6.0pF = N
 12.5pF = H
Loose = L 
  3000pcs = D        
RoHS  = ‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part 
Number : EK00003GIHD‐PF (32.768kHz)
Note: Internally crystal connect between pad 1 and and pad 4. Metal may be exposed through surface of the device. This will not affect the characteristic of 
crystal.
8.0 max
1
2
3
4
5.5
0.5
0.9
0.9
1.9
Internal connection (Top view)
1
4
3
2
4.2
1.3
Land Pattern
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - 200A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
logo
AVX Corporation
200A0R1BCA150XT AVX-200A0R1BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R2BCA150XT AVX-200A0R2BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3BCA150XT AVX-200A0R3BCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
200A0R3CCA150XT AVX-200A0R3CCA150XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results

Similar Description - 200A

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Golledge Electronics Lt...
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
logo
Advanced Crystal Techno...
3215A ACT-3215A Datasheet
172Kb / 2P
3.2 x 1.5mm Watch crystal
01/02/2017
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
logo
TAI-SAW TECHNOLOGY CO.,...
TB0678A TAI-SAW-TB0678A Datasheet
326Kb / 6P
SAW Filter 750MHz SMD 3.8mm X 3.8mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com