Electronic Components Datasheet Search
  English  ▼

X  

9200WC Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # 9200WC
Description  Clock oscillator 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

9200WC Datasheet(HTML) 2 Page - Advanced Crystal Technology

  9200WC Datasheet HTML 1Page - Advanced Crystal Technology 9200WC Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9200WC Series
Clock oscillator 32.768kHz, 7.0 x 5.0mm, HCMOS/TTL
Test circuit
 Drawing control: (Internal use only)
 Commodity code: 854370 90 99  for <1.8MHz or >67MHz
 Issue number : N1
 Date : 01/02/2017
 Internal reference : Skr
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
Part number generation
RR
00003
B
 B
I
S
E
P
L
‐PF
ACT
series
Code
Frequency
(MHz)
Frequency 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Duty
 Cycle
(%/%)
Output
 wave
 
Tristate
Tape
 & 
Reel
RoHS
Code
RR
5 digit require to specify 
kHz frequency.
≤ 99.99kHz
10=00001
32.768=00003
≥ 100kHz 
100=00010
250=00025
20 = I
25 = C
30 = H
50 = B
100 = A
1.5 = N
1.8 = D
2.5 = C
3.3 = B
0 ~ +50 = D
‐10 ~ +60 = F
0 ~ +70 = E
‐10 ~ +70 = C
‐20 ~ +70 = B
‐40 ~ +85 = I
40/60 = S
45/55 = H
HCMOS 15pF = E
Trisate = P
None = N
Loose = L
1000  = C
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example part number : RR00003BBISEPL‐PF [32.768kHz] 
Waveform
Solder reflow profile
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max
⑥
④
⑦
⑧
⑨
Tr
Tf
T
t
90%
50%
10%
Vol
Voh
Duty cycle = (t/T) x 100%
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com