Electronic Components Datasheet Search
  English  ▼

X  

9200WC Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # 9200WC
Description  Clock oscillator 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

9200WC Datasheet(HTML) 1 Page - Advanced Crystal Technology

  9200WC Datasheet HTML 1Page - Advanced Crystal Technology 9200WC Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9200WC Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency 
F_nom  32.768kHz
 
 Supply voltage
Vcc 1.5V±5%, 1.8V±5%, 2.5V±5%, 3.3V±5%
 Frequency stability  
F_stb ±20.0ppm ~ ±100.0ppm
Over operating temperature range
 Aging
F_age ±5.0ppm max
25°C, 1  year
 Operating temperature range (°C)
Topr 0°C ~ +50°C to ‐40°C ~ +85°C
Table 1
 Storage temperature (°C)
Tstg ‐55°C ~ +125°C
 Output waveform
HCMOS
 
 Output load
15pF
 Output voltage high
Voh 90% Vcc min 
 Output voltage low
Vol  10% Vcc max
 Rise time
Tr
20nsec max
Measured over 10% to 90% of waveform
 Fall time
Tf
20nsec max
 Duty cycle
45%/55% , 40%/60%
Measured at 50% of waveform
 Current consumption
Icc
Table 2
 
 Start‐up time
T_str 3.0msec max
 
Moisture sensitive level 
MSL 1
ESD sensitive device
Yes
 Tristate 
Pad 1
70% of Vcc min to Enable Output
30% of Vcc max to disable output ‐ high imp.
Clock oscillator 32.768kHz, 7.0 x 5.0mm, HCMOS/TTL
REACH and RoHS compliant
AT cut crystal provides high frequency stability
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
 Table 2. Current consumption (mA max)
 Frequency  
Supply voltage
1.5V
1.8V
2.5V
3.3V
32.768kHz
0.7mA
0.7mA
1.5mA
1.5mA
 Table 1. Frequency stabilities vs Operating temperature range
 Temperature (°C)
  Frequency stability (ppm)
±20.0
±25.0
±30.0
±50.0
±100.0
0 ~ +50
√√√
√√
‐10 ~ +60
√√√
√√
0 ~ +70
√√√
√√
‐10 ~ +70
√√√
√√
‐20 ~ +70
√√√
√√
‐40 ~ +85
Enq.
√√
√√
Dimensions(Unit:mm)
Pad 1 : Tri‐state
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
7.0±0.2
1.4
5.08
2.4
1
2
3
4
Land pattern
1
2
3
4
5.08
1
2
3
4


Similar Part No. - 9200WC

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
Surface Mount Reed Relays
logo
B&K Precision Corporati...
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
logo
Spectrum Microwave, Inc...
9200-303-0095 SPECTRUM-9200-303-0095 Datasheet
313Kb / 16P
Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
9200-303-0095 APITECH-9200-303-0095 Datasheet
39Kb / 1P
LOW Pass EMI Filter
More results

Similar Description - 9200WC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
logo
Advanced Crystal Techno...
9225WC ACT-9225WC Datasheet
175Kb / 2P
32.768kHz Clock oscillator
01/02/2017
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Golledge Electronics Lt...
GAO-3201 GOLLEDGE-GAO-3201_18 Datasheet
580Kb / 5P
1.8~5.0V 32.768kHz Oscillator
logo
Fox Electronics
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com