Electronic Components Datasheet Search
  English  ▼

X  

OP993 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP993
Description  PIN Sili con Pho todiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP993 Datasheet(HTML) 1 Page - OPTEK Technologies

  OP993 Datasheet HTML 1Page - OPTEK Technologies OP993 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•Wide receiving angle
•Linear response vs. irradiance
•Fast switching time
•TO-18 equivalent package style
Description
The OP993 photodiode consists of a PIN
silicon photodiode mounted in a dark
blue plastic injection molded shell
package. The wide receiving angle
provides excellent on-axis coupling. The
sensors are 100% production tested for
close correlation with Optek emitters.
Optek’s packaging process provides
excellent optical and mechanical axis
alignment. The shell also provides
excellent optical lens surface, control of
chip placement, and consistency of
external package dimensions.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Reverse Breakdown Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
o C(1)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
Max. 20 grams force may be applied to leads when soldering.
(2) Derate linearly 1.67 mW/
o C above 25o C.
(3) Light source is an unfiltered GaAlAs emitting diode operating at peak emission wavelength of
890nm and Ee(APT) of 1.7 mW/cm
2 average within a .250" dia. aperture.
(4) This dimension is held to within
±0.005" on the flange edge and may vary up to ±0.020" in
the area of the leads.
Typical Performance Curves
Product Bulletin OP993
June 1996
PIN Silicon Photodiode
Type OP993
Relative Response vs.
Wavelength
λ- Wavelength - nm
Coupling Characteristics
OP993 and OP293
Distance Between Lens tips - inches
VR = 5 V
IF = 20 mA
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
3-64


Similar Part No. - OP993

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP993 TTELEC-OP993 Datasheet
1,012Kb / 5P
Pin Silicon Photodiode
More results

Similar Description - OP993

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP999 OPTEK-OP999 Datasheet
707Kb / 2P
PIN Sili con Photodiode
June 1996
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
PIN Sili con Pho todiode
June 1996
OP954 OPTEK-OP954 Datasheet
701Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OPF792 OPTEK-OPF792 Datasheet
224Kb / 2P
Short Wave length PIN Pho todiode
June 1996
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OSM960 OPTEK-OSM960 Datasheet
223Kb / 2P
Six Ele ment SMD Pho todiode Ar ray
July 1999
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
(2-6) #20 PIN CONTACTS MINI-CON-X
logo
Shanghai Leiditech Elec...
LMBT3904WT1G LEIDITECH-LMBT3904WT1G Datasheet
807Kb / 5P
General Purpose Transistors NPN Sili
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com