Electronic Components Datasheet Search
  English  ▼

X  

OP993 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP993
Description  PIN Sili con Pho todiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP993 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP993 Datasheet HTML 1Page - OPTEK Technologies OP993 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OP993
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
IL
Reverse Light Current
12.5
28.5
µA
VR = 5 V, Ee = 1.7 mW/cm
2(3)
ID
Reverse Dark Current
1
60
nA
VR = 30 V, Ee = 0
V(BR)
Reverse Breakdown Voltage
60
V
IR = 100
µA
VF
Forward Voltage
1.2
V
IF = 1 mA
CT
Total Capacitance
4
pF
VR = 20 V, Ee = 0, f = 1.0 MHz
tr, tf
Rise Time, Fall Time
5
ns
VR = 20 V,
λ= 850 nm, RL = 50 Ω
Typical Performance Curves
Light Current vs. Irradiance
Switching Time Test Circuit
Light Current vs. Angular
Displacement
θ - Angular Displacement - Deg.
Test Conditions:
λ= 935 nm
VR = 5 V
Distance Lens to
Lens = 1.5 inches
Ee - Irradiance - mW/cm
2
Normalized Light Current vs
Reverse Voltage
Total Capacitance vs
Reverse Voltage
VR - Reverse Voltage - V
VR - Reverse Voltage - V
TA = 25
o C
λ= 935 nm
Normalized to VR = 5 V
TA = 25
o C
Ee = 0 mW/cm
2
f = 1 MHz
VR = 5 V
TA = 25
o C
λ= 890 nm
Normalized Light and Dark
Current vs Ambient Temperature
TA - Ambient Temperature -
oC
VR = 5 V
λ= 890 nm
Normalized to
TA = 25
o C
Dark Current
Light Current
3-65
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com