Electronic Components Datasheet Search
  English  ▼

X  

PM2102DPD Datasheet(PDF) 7 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 7 Page - Sames

Back Button PM2102DPD Datasheet HTML 3Page - Sames PM2102DPD Datasheet HTML 4Page - Sames PM2102DPD Datasheet HTML 5Page - Sames PM2102DPD Datasheet HTML 6Page - Sames PM2102DPD Datasheet HTML 7Page - Sames PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames PM2102DPD Datasheet HTML 10Page - Sames PM2102DPD Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
sames
PM2102DPD
7/16
http://www.sames.co.za
PRELIMINARY
Table 4: Different meter constants
R2
R1
R0
Rated
Condition
(V / I)
LED
Output
(p/kWh)
MON,
MOP
(p/kWh)
0
0
0
220/10A
6400
100
0
0
1
220/20A
3200
100
0
1
0
220/40A
1600
100
0
1
1
220/80A
800
100
1
0
0
220/6A
6400
100
1
0
1
220/30A
3200
100
1
1
0
220/60A
1600
100
The compensating capacitor C7 is calculated next for a phase
shift of 0.18 degrees.
Use a standard value 1µF non-polar electrolytic capacitor with
a working voltage of at least 16V.
The pulse constant is derived from the equation below:
Therefore from table 3, R0 = 0, R1 = 1, and R2 = 0.
The following table list the most common and frequently used
pulse and motor constants for different rated conditions. This
is an easy reference for meter manufacturers, and the
constants not listed can be calculated from
the equations
provided in the previous examples.
C = 1/ (2 x x mains frequency x R12 x tan (Phase shift angle))
C = 1/ (2 x x 50 x 1M x tan (0.18 degrees))
C = 1.013µF
LED p/kWh =
1160p/sec x (1 / DF_LED) x [3600/((Vnom x
Imax)/1000)]
=
1160 p/sec x (1 / DF_LED) x[3600 / (220 x
40) / 1000]
1600 =
1160 p/sec x (1 / DF_LED ) x 409.0
1 / DF_LED =
0.003372
DF_LED =
296
MOTOR p/kWh = LED p/kWh / DF_MO
100 = 1600 / DF_MO
DF_MO= 16
p
p
Standard meter constants for various rated conditions
Module Calibration
PCB Design considerations
Power supply
The output frequency can be adjusted and calibrated by means
of the variable resistor P1 connected in the voltage divider as
shown in figure 3 on page 3.
These are a number of aspects to consider when designing a
PCB for a power/energy meter application. Only a few of the
more critical aspects are discussed here.
The sense resistors on the current input, R6 and R7 must be
located as close to the SA2102D-input pins as possible. This
also holds true for the 1M
resistor (R12), and the biasing
resistor R13. Also note that the supply bypass capacitors C1,
C2 and C6 must be positioned as close as possible to the
supply pins of the SA2102D, and connected to a solid ground
plane.
It is advisable to keep the ground plane surrounding the device
clear of noise that may influence the sensing signals.
The module is protected from high transients on the mains
voltage input by means of a Metal Oxide Varistor. The MOV will
clamp high transients with a sufficiently long rise time, hence
protecting the PCB.
The onboard power supply consists of a simple capacitive
divider to deliver the output voltage that is rectified by a diode
pair, and held constant by means of two TL431 regulators.
The maximum current available from the power supply is
approximately 20mA.
Please take note that the module is fitted with a 470nF/250VAC
X3 type capacitor for 220VAC mains supply. This capacitor
must be changed to 1µF/150VAC X3 type when the mains
supply voltage is changed to a 110VAC network.
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com