Electronic Components Datasheet Search
  English  ▼

X  

PM2102DPD Datasheet(PDF) 14 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 14 Page - Sames

Back Button PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames PM2102DPD Datasheet HTML 10Page - Sames PM2102DPD Datasheet HTML 11Page - Sames PM2102DPD Datasheet HTML 12Page - Sames PM2102DPD Datasheet HTML 13Page - Sames PM2102DPD Datasheet HTML 14Page - Sames PM2102DPD Datasheet HTML 15Page - Sames PM2102DPD Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
15/16
http://www.sames.co.za
14/16
http://www.sames.co.za
PRELIMINARY
sames
PM2102DPD
Designator
JP2
JP3
LED1, LED2
P1
R1, R3
R2, R15
R4, R5
R6, R7
R8, R9
R10
R11
R12
R13
R14
R16
SCK1
SO
Z1
Value
CT
Stepper
3mm LED
Trimpot, 10k
82k
100k
680R
1k6
680R
47R
22k
1M
47k
80A, 50mV (625µ )
To be calculated
Mains
Pulse Stability
S10/275
W
Description
Not fitted
2 Pin Molex, Center square pin, Friction Lock
Red, Green
Multi turn, Top Adjust
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
2W, 5% Wire Wound Resistor
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
1/4W, 1% Metal Film Resistor
Shunt Resistor
1/4W, 1% Metal Film Resistor
2 Pin Molex, Center square pin, Friction Lock <200mil pitch>
3 Pin SIP
Metal Oxide Varistor
Detail
Note 3
Note 3
Note 4
Notes
1.
Use 1µF/150V
for 115V mains supply
2.
Single Inline Pins
3.
Only required if a CT is used.
4.
Standard 3-pin Molex with centre pin removed.
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com