Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002 Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002 Datasheet HTML 1Page - Diodes Incorporated 2N7002 Datasheet HTML 2Page - Diodes Incorporated 2N7002 Datasheet HTML 3Page - Diodes Incorporated 2N7002 Datasheet HTML 4Page - Diodes Incorporated 2N7002 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N7002
Document number: DS11303 Rev. 34 - 2
1 of 5
www.diodes.com
December 2017
© Diodes Incorporated
2N7002
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
60V
7.5
Ω @ VGS = 5V
210mA
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Motor Control
Power Management Functions
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.009 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
2N7002-7-F
Standard
SOT23
3,000/Tape & Reel
2N7002-13-F
Standard
SOT23
10,000/Tape & Reel
2N7002Q-7-F
Automotive
SOT23
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to https://www.diodes.com/quality/product-compliance-definitions/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2002
~
2016
2017
2018
2019
2020
2021
2022
2023
Code
N
~
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT23
Top View
Equivalent Circuit
Top View
D
G
S
K72 = Product Type Marking Code
YM = Date Code Marking
Y or
= Year (ex: E = 2017)
M = Month (ex: 9 = September)
Source
Gate
Drain
Y
K72
e3


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com