Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BSS138
Document number: DS30144 Rev. 21 - 2
2 of 5
www.diodes.com
August 2017
© Diodes Incorporated
BSS138
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
50
V
Drain-Gate Voltage RGS  20K
VDGR
50
V
Gate-Source Voltage
Continuous
VGSS
20
V
Gate-Source Voltage
Non Repetitive, Pulse Width<50
s
40
V
Drain Current
Continuous
ID
200
mA
Pulsed Drain Current (
10μs Pulse Duty Cycle = 1%)
IDM
1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
417
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
50
75
V
VGS = 0V, ID = 250A
Zero Gate Voltage Drain Current
IDSS
0.5
µA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.5
1.2
1.5
V
VDS = VGS, ID = 250A
Static Drain-Source On-Resistance
RDS(ON)
1.4
3.5
VGS = 10V, ID = 0.22A
Forward Transconductance
gFS
100
mS
VDS = 25V, ID = 0.2A, f = 1.0KHz
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
50
pF
VDS = 10V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
8.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
20
ns
VDD = 30V, ID = 0.2A, RGEN = 50
Turn-Off Delay Time
tD(OFF)
20
ns
Notes:
6. Device mounted on FR-4 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on
Diodes Incorporated’s suggested pad layout, which can be found on our
website at http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
9
1
2
3
4
5
6
7
8
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Drain-Source Current vs. Drain-Source Voltage
DS
T = 25 C
j
°
V
= 3.5V
GS
V
= 3.25V
GS
V
= 3.0V
GS
V
= 2.75V
GS
V
= 2.5V
GS
0
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2 Transfer Characteristics
GS
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0
1
1.5
0.5
2
3.5
4
4.5
2.5
3
-55 C
°
150 C
°
25 C
°
V
= 1V
DS
TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com