Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS138
Document number: DS30144 Rev. 21 - 2
3 of 5
www.diodes.com
August 2017
© Diodes Incorporated
BSS138
0.65
T , JUNCTION TEMPERATURE (癈 )
Fig. 3 Drain-Source On-Resistance vs. Junction Temperature
j
0.85
1.05
1.25
1.65
1.45
1.85
2.05
2.25
2.45
-55
-5
45
95
145
V
= 10V
GS
V
= 4.5V
GS
I = 0.5A
D
I = 0.075A
D
T , JUNCTION TEMPERATURE (癈 )
Fig. 4 Gate Threshold Variation vs. Ambient Temperature
j
0
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250礎
D
0
I , DRAIN-CURRENT (A)
Fig. 5 Drain-Source On-Resistance vs. Drain-Current
D
1
2
3
4
5
6
7
8
0
0.02 0.04
0.06 0.08
0.16
0.14
0.12
0.1
150 C
°
25 C
°
V
= 2.5V
GS
-55 C
°
0
I , DRAIN-CURRENT (A)
Fig. 6 Drain-Source On-Resistance vs. Drain-Current
D
1
2
3
5
4
6
7
8
9
0
0.05
0.1
0.2
0.15
0.25
150 C
°
-55 C
°
25 C
°
V
= 2.75V
GS
0
1
2
3
4
5
6
0
0.1
0.2
0.3
0.4
0.5
I , DRAIN-CURRENT (A)
Fig. 7 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 4.5V
GS
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
I , DRAIN-CURRENT (A)
Fig. 8 Drain-Source On Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 10V
GS
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
ID = 250µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com