Electronic Components Datasheet Search
  English  ▼

X  

PE4258 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE4258
Description  75 Ohm SMC Plug Connector Clamp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4258 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE4258 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm SMC Plug Connector Clamp/Solder Attachment for RG59, RG62, RG71 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4258
URL: https://www.pasternack.com/smc-plug-standard-rg59-rg62-connector-pe4258-p.aspx
PE4258 REV 1.1
RF Connectors Technical Data Sheet
PE4258
75 Ohm SMC Plug Connector Clamp/Solder
Attachment for RG59, RG62, RG71



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com