Electronic Components Datasheet Search
  English  ▼

X  

PE4258 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4258
Description  75 Ohm SMC Plug Connector Clamp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4258 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4258 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMC Plug Connector
• 75 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 2 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to ASTM-B488-11
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4258 75 ohm SMC plug connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our
full line of RF components available for same-day shipping. Our SMC plug connector operates up to a maximum frequency
of 2 GHz.
Our 75 ohm SMC plug connector PE4258 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
250
Vrms
Dielectric Withstanding Voltage (AC)
2,000
Vrms
High Potential Voltage
1,000
Vrms
at 5 MHz
Corona Discharge
350
Vrms
at 70,000 feet
Insulation Resistance
1,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4258
PE4258 REV 1.1
75 Ohm SMC Plug Connector Clamp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4258


Similar Part No. - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
PE42582A-X PSEMI-PE42582A-X Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
More results

Similar Description - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158_16 Datasheet
320Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4201 PASTERNACK-PE4201_16 Datasheet
400Kb / 3P
SMC Plug Connector Clamp/Solder Attachment
PE4203 PASTERNACK-PE4203_16 Datasheet
320Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4249 PASTERNACK-PE4249_16 Datasheet
355Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4257 PASTERNACK-PE4257_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4259 PASTERNACK-PE4259_16 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com