Electronic Components Datasheet Search
  English  ▼

X  

PM9603APE Datasheet(PDF) 1 Page - Sames

Part # PM9603APE
Description  SINGLE PHASE POWER/ENERGY METERING MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9603APE Datasheet(HTML) 1 Page - Sames

  PM9603APE Datasheet HTML 1Page - Sames PM9603APE Datasheet HTML 2Page - Sames PM9603APE Datasheet HTML 3Page - Sames PM9603APE Datasheet HTML 4Page - Sames PM9603APE Datasheet HTML 5Page - Sames PM9603APE Datasheet HTML 6Page - Sames PM9603APE Datasheet HTML 7Page - Sames PM9603APE Datasheet HTML 8Page - Sames PM9603APE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
sames
PM9603AP
SA9603B APPLICATION NOTE
FEATURES
n
Performs both power and energy
measurement
n
Meets the accuracy requirements for
Class 1 AC Watt hour meters
n
Protected against ESD
n
Total power consumption rating below
500mW (excluding current sensing)
SINGLE PHASE POWER/ENERGY METERING MODULE
SPI INTERFACE
n
Uses a shunt resistor for current sensing
n
Operates over a wide temperature
range
n
Isolated SPI interface.
DESCRIPTION
The SAMES single phase power/energy metering module, the PM9603AP, provides
energy data via a isolated SPI interface.
Energy consumption is determined by the power measurement being integrated over
time.
The method of calculation takes the power factor into account.
The output of this innovative universal power/energy meter is ideally suited for energy
calculations in applications using a micro-controller.
The application utilises the SAMES SA9603B power metering integrated circuit for power
measurement.
As a safety measure, this application shows the current sensor connected to the neutral
line. In practice, the live line may be used for current sensing, provided that the supply
connections (MAINS) are reversed on the module.
7131
PDS038-SA9603B-001
REV.A
5-09-97
1/16


Similar Part No. - PM9603APE

ManufacturerPart #DatasheetDescription
logo
Sames
PM9603APE SAMES-PM9603APE Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
More results

Similar Description - PM9603APE

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9105AFA SAMES-PM9105AFA Datasheet
108Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE PULSE OUTPUT
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com