Electronic Components Datasheet Search
  English  ▼

X  

PM9603APE Datasheet(PDF) 3 Page - Sames

Part # PM9603APE
Description  SINGLE PHASE POWER/ENERGY METERING MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9603APE Datasheet(HTML) 3 Page - Sames

  PM9603APE Datasheet HTML 1Page - Sames PM9603APE Datasheet HTML 2Page - Sames PM9603APE Datasheet HTML 3Page - Sames PM9603APE Datasheet HTML 4Page - Sames PM9603APE Datasheet HTML 5Page - Sames PM9603APE Datasheet HTML 6Page - Sames PM9603APE Datasheet HTML 7Page - Sames PM9603APE Datasheet HTML 8Page - Sames PM9603APE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PM9603AP
sames
3/18
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C, unless otherwise specified. Power
consumption figures are applicable to the PM9603APE only.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
V
AC
180
230
265
V
PM9603APE
(Continuous)
90
115
135
V
PM9603APA
Power Measurement
P
RNG
-18400
18400
W
Specified
range
accuracy
Power Consumption1
800
m W
V
AC = 230V
Supply direct
from mains
Isolation Voltage2
V
IS
2500
V
Continuous
Opto-coupler Output
Current
I
O
10
mA
V
OL = 1V
Opto-coupler Input
Current
I
I
10
mA
Note 1: Power consumption specifications exclude power consumed by the current
sensor.
Note 2: Isolation voltage may be specified, depending on customer requirements.
CONNECTION DESCRIPTION
Designation
Description
MAINS
Voltage supply connection to Neutral line
Voltage supply connection to Live line
NEUTRAL IN
Connection to positive side of current sensor
NEUTRAL OUT
Connection to negative side of current sensor
SK1
P1 Supply (+ve) to opto-couplers
25-Way female
P2 Input SA9603B - SCK
(D-type)
P8 Input SA9603B - DI
P9 Input SA9603B - CS
P12 Output SA9603B - DO
P18, 20-25 Common emitters and cathodes opto-couplers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com