Electronic Components Datasheet Search
  English  ▼

X  

SA4104AB Datasheet(PDF) 1 Page - Sames

Part # SA4104AB
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4104AB Datasheet(HTML) 1 Page - Sames

  SA4104AB Datasheet HTML 1Page - Sames SA4104AB Datasheet HTML 2Page - Sames SA4104AB Datasheet HTML 3Page - Sames SA4104AB Datasheet HTML 4Page - Sames SA4104AB Datasheet HTML 5Page - Sames SA4104AB Datasheet HTML 6Page - Sames SA4104AB Datasheet HTML 7Page - Sames SA4104AB Datasheet HTML 8Page - Sames SA4104AB Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Single Channel Single Phase Energy
Metering IC
SPEC-1654 (REV. 4)
1/18
29-09-2017
SA4104A / SA4104B
FEATURES
Meets the IEC62053, CBIP-88 and IS137799-1999
specification requirements for Class 1 AC static watt-
hour meters for active energy
Motor drive outputs (MOP, MON) provide average active
power information and can drive an electro-mechanical
counter or an impulse counter directly
LED pulse output for calibration purposes supplies
average active power information
Configurable for different meter ratings
Precision on-chip oscillator (70ppm/°C drift)
Precision on-chip voltage reference (10ppm/°C drift)
On-chip anti-creep function (0.01% of FMAX on SA4104A
or 0.004% of FMAX on SA4104B)
Low power consumption (<20mW typical)
Measures AC inputs only
DESCRIPTION
The SA4104A/B is an accurate single phase power/energy
metering integrated circuit providing a single chip solution for
single phase energy meters. Very few external components
are required and the chip includes a direct drive capability for
electro-mechanical counters. The SA4104A/B does not
require an external crystal or voltage reference. A precision
oscillator and a precision voltage reference to supply the
circuitry with a stable frequency and stable reference currents
are integrated on the chip.
The SA4104A/B metering integrated circuit generates a pulse
output, the frequency of which is proportional to the active
power consumption.
Programmable inputs allow the meter manufacturer to
configure the SA4104A/B for different meter maximum
currents (IMAX) and nominal voltages (VNOM) without having to
change the stepper motor counter or impulse counter gear
ratio.
The LED pulse output follows the average active power
consumption measured and is intended for meter calibration
purposes. In fast calibration mode this output provides a high
frequency pulse rate following the average active power
consumption and can be used for fast calibration or to
interface with a microcontroller.
The SA4104A/B includes an anti-creep feature preventing
any creep effects in the meter under no-load conditions. Two
versions of the device are available, namely the SA4104A
and SA4104B. The only difference between the two versions
is the anti-creep threshold. The anti-creep threshold is set to
0.01% of FMAX on the SA4104A and 0.004% of FMAX on the
SA4104B.
The SA4104A/B integrated circuit is available in a 16 pin
small outline (SOIC16) RoHS compliant package.
Figure 1: Block diagram
VREF
VSS
MON
MOP
COUNTER
DRIVE
BUFFERS
DIVISION
FOR
COUNTER OUTPUT
OSCILLATOR
AND
TIMING
VOLTAGE REFERENCE
AND
CURRENT BIASING
VOLTAGE
CHANNEL
ADC
CURRENT
CHANNEL
ADC
AGND
IVP
IIN
IIP
VDD
POWER ON
RESET
DIGITAL
OUTPUT
DIGITAL
OUTPUT
Instantaneous
power
SIGNAL PROCESSING
Average
power
DIRO
DIVISION
FOR
CALIBRATION
LED OUTPUT
LED
R0
R1
R2
R3
FMS
PIN STATE
DETECTION
PULSE
GENERATION
LPF


Similar Part No. - SA4104AB

ManufacturerPart #DatasheetDescription
logo
Sames
SA4104A SAMES-SA4104A Datasheet
407Kb / 14P
Evaluation Module for SA4104A and SA4104B
More results

Similar Description - SA4104AB

ManufacturerPart #DatasheetDescription
logo
Sames
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
Single Phase Energy Meter IC
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
Single-Phase Energy Meter IC
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
Single Channel Single Phase Energy
SA4120A SAMES-SA4120A Datasheet
534Kb / 14P
Single Channel Single Phase Bidirectional Energy
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
Single Phase Energy Meter IC
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com