Electronic Components Datasheet Search
  English  ▼

X  

SA4104AB Datasheet(PDF) 13 Page - Sames

Part # SA4104AB
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4104AB Datasheet(HTML) 13 Page - Sames

Back Button SA4104AB Datasheet HTML 9Page - Sames SA4104AB Datasheet HTML 10Page - Sames SA4104AB Datasheet HTML 11Page - Sames SA4104AB Datasheet HTML 12Page - Sames SA4104AB Datasheet HTML 13Page - Sames SA4104AB Datasheet HTML 14Page - Sames SA4104AB Datasheet HTML 15Page - Sames SA4104AB Datasheet HTML 16Page - Sames SA4104AB Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SPEC-1654 (REV. 4)
13/18
29-09-2017
SA4104A / SA4104B
Direction Indicator Output (DIRO)
The direction of the energy flow may be ascertained by
monitoring the DIRO pin. A low level on this pin indicates
negative energy flow. Positive energy flow is indicated by a
high level. Should the energy (either negative or positive) be
less than the anti-creep threshold then this output will retain
its previous state. This prevents a flickering output in the case
of no or very low current flow. The DIRO pin may be used to
drive an LED. The state of the DIRO pin is updated on the
internal FAST mode pulses, regardless of whether the device
is set to FAST or STANDARD mode. A power-on reset will
set DIRO high and it will remain high until negative energy
above the anti-creep threshold is detected. Table 4 illustrates
the operation of the DIRO output.
Table 4: Operation of the DIRO output
Energy Level
|Phase Angle|
State of DIRO
< FMIN
0º - 360º
Previous State
> FMIN
< 90º
HIGH
> FMIN
> 90º
LOW
Note: FMIN is the anti-creep threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com