Electronic Components Datasheet Search
  English  ▼

X  

SA4305ASAR Datasheet(PDF) 9 Page - Sames

Part # SA4305ASAR
Description  Three Phase Bidirectional Energy Metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4305ASAR Datasheet(HTML) 9 Page - Sames

Back Button SA4305ASAR Datasheet HTML 5Page - Sames SA4305ASAR Datasheet HTML 6Page - Sames SA4305ASAR Datasheet HTML 7Page - Sames SA4305ASAR Datasheet HTML 8Page - Sames SA4305ASAR Datasheet HTML 9Page - Sames SA4305ASAR Datasheet HTML 10Page - Sames SA4305ASAR Datasheet HTML 11Page - Sames SA4305ASAR Datasheet HTML 12Page - Sames SA4305ASAR Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SPEC-3093 (REV. 2)
9/15
29-09-2017
SA4305A
compensation could be affected by stray capacitances. The
potentiometer P1 is used for calibration purposes.
Pulse Output Format Selection
(PGM0, PGM1, FPM)
The pulse output programming inputs PGM0, PGM1 and
FPM define the representation of energy measured by the
device on FOUT. Table 1 below shows the difference
between the various modes. Mode 4 basically bypasses the
adder and the individual pulses of each channel of the device
are output directly. The pulse width allows the allocation of
pulses to specific channels. Refer to Table 1 for details on the
pulse output format in each mode.
Adder Mode Selection (MS)
The energy addition of the three channels may be set to
arithmetic or absolute mode using the MS input. If MS is tied
to VSS the adder operates in arithmetic mode. In this mode
the direction of energy flow on each channel is taken into
account during addition. Negative energy is thus subtracted
from positive energy in the addition process. If MS is tied to
VDD the adder operates in absolute mode. The direction of
energy flow on each channel is ignored and assumed to be
positive. The reversal of a channel will therefore not affect the
pulse output rate. This can be used as an anti-tamper feature.
The MS input is ignored in pulse output mode 4 where the
pulses on each channel are output individually.
OUTPUT SIGNALS
Pulse Output (FOUT)
The average nominal output frequency of the pulse output in
mode 3 is given by
��������������������−����������������3 = 1160 ×
|
��������1 × ��������1 × cos ����1 + ��������2 × ��������2 × cos ����2 + ��������3 × ��������3 × cos ����3
3 × 14 × 16
|
…(1)
where
IVX and IIX are the analog input currents in µARMS on the
voltage and current sense inputs on channel X and
X is the phase angle between the current and voltage signals
on channel X.
The pulse output rate in modes 0, 1 and 2 is 18 times lower
than in mode 3 and 4. The integrated anti-creep threshold
ensures that no output pulses are generated from a channel
if the energy measured on that channel is below 0.02% of
EMAX, where EMAX is the energy registered on the channel
when the voltage and current sense input currents are
14μARMS and 16μARMS respectively. The power-up state of
the pulse output is dependent on the pulse output mode that
has been selected.
Figure 8 shows the output waveform of FOUT for the pulse
output modes 0 to 3. Modes 0, 1 and 2 allow direct sensing
of the total energy flow direction from the pulse output. Note
that the pulse output timing and rate differ in mode 3. This
fact has been omitted in Figure 8 for the sake of clarity.
Setting FPM, PGM0 and PGM1 to VDD will set the pulse
output mode to mode 4. In this mode the internal pulse adder
is bypassed. Each channel
’s pulses appear independently on
FOUT. The pulse width allows the output pulses to be
allocated to a specific channel. The pulses from channel 2
are 1.5x the width of the channel 1 pulses while those of
channel 3 are 2x the width of the channel 1 pulses. Pulse
output mode 4 is illustrated in Figure 9.
Table 1: Pulse output characteristics for various modes
Mode
FPM
PGM1
PGM0
Frequency
at rated
conditions
Forward
energy
pulse
polarity
Reverse
energy
pulse
polarity
Pulse on
direction
change
Forward
energy
pulse width
Reverse
energy
pulse width
0
X
0
0
64.4Hz
Positive
Positive
Yes
1.15ms
3.44ms
1
X
0
1
64.4Hz
Positive
Negative
Yes
1.15ms
1.15ms
2
X
1
0
64.4Hz
Positive
Negative
No
1.15ms
1.15ms
3
0
1
1
1160Hz
Negative
Negative
Yes
71.7µs
71.7µs
4
1
1
1
386Hz per
channel
Negative
Negative
Yes
71.7µs Ch1
108µs Ch2
143us Ch3
71.7µs Ch1
108µs Ch2
143us Ch3
Notes:
1
Pin values for FPM, PGM0 and PGM1, 0 means pin is connected to VSS, 1 means pin is connected to
VDD, X means the pin state is irrelevant
2
Pulse rate of modes 3 and 4 is 18 times higher as that of modes 0, 1 and 2
3
Pulse frequencies are based on nominal device gain
4
Pulse widths are based on nominal oscillator frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com