Electronic Components Datasheet Search
  English  ▼

X  

SC9302B Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC9302B
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302B Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC9302B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
9
PIN DESCRIPTION
Pin Name
I/O
Internal
Connection
Description
1
C ~ 4
C
1
R ~ 4
R
I/O
CMOS
IN/OUT
These pins construct a 4x4 keyboard matrix to perform the keyboard
input detecting and dialing specification setting functions, when on-hook
(
HKS =high) all the pins are set to high. While off-hook the column
group (
1
C ~ 4
C ) stays low and the row group (
1
R ~ 4
R ) is set to high
for key input detecting.
An inexpensive single contact 4x4 keyboard can be an input device.
Pressing a key connects a single column to a single row, and actuates
the system oscillator to result in a dialing signal output. If more than two
keys are pressed at the same time, no response can be brought about.
The key-in debounce time is 20ms. Refer to the keyboard table for
keyboard arrangement and to the functional description for dialing
specification selection.
X1
I
X2
O
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor and the
necessary load capacitor on chip. Connecting a standard 3.579545MHz
crystal or ceramic resonator to X1 and X2 terminals can implement the
oscillator function. The oscillator is turned off in the stand-by mode, and
is actuated whenever a keyboard entry is detected.
XMUTE
O
NMOS OUT
The
XMUTE is an NMOS open drain structure pulled to VSS during
dialing signal transmitting. Otherwise, it is an open circuit. The
XMUTE is used to mute the speech circuit when transmitting the dial
signal.
HKS
I
CMOS IN
This pin is used to monitor the status of the hook-switch and its
combination with HFI/
HDI can control the PO pin output to make or
break the line.
HKS =VDD: On-hook state ( PO =low). Except HFI/
HDI (hand-free
/ hold-line control input), other functions are all disabled.
HKS =VSS: Off-hook state ( PO =high). The chip is in the stand-by
mode and ready to receive the key input.
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com