Electronic Components Datasheet Search
  English  ▼

X  

SC9302B Datasheet(PDF) 25 Page - Silan Microelectronics Joint-stock

Part # SC9302B
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302B Datasheet(HTML) 25 Page - Silan Microelectronics Joint-stock

Back Button SC9302B Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 24Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 25Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 26Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 27Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 28Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 29Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
25
5. ONE KEY REDIAL OPERATION
D1
D2
R
HKS
KEY IN
XMUTE
PO
T
D
B
20ms
DTMF
KT
X2
High impedance
T
K
T
T
ITP
M
T
BRK(2 secs)
T
RP
(1 secs)
T
D
B
T
ITP
M
T
D
B
T
ITP
M
T
ITP
M
6. CLOCK & DOUT OPERATION
D1
HKS
KEY IN
XMUTE
PO
T
D
B
20ms
CLOCK
DOUT
X2
High impedance
KT
T
PD
P
T
B
T
M
T
KT
(34ms)
1.2kHz Carrier
F
CLOCK=2.4kH
z
Data
Note: D1=D3=3, D2=2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com