Electronic Components Datasheet Search
  English  ▼

X  

SC9302G Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9302G
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302G Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9302G Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
5
SELECTION TABLE
Function
Lock Function
Item
Keytone
Pin
Selection
Keyboard
Operated
Hold-line Hand-free
LCD
Interface
Memory
No.
Package
SC9302X (Normal version)
SC9302A
--
√
--
--
--
--
2
DIP-18
SC9302B
--
√
--
√
√
--
2
SDIP-22
SC9302C
--
√
--
--
--
√
2
DIP-20
SC9302D
--
√
--
√
√
√
2
SDIP-24
SC9302XT(Key-tone version)
SC9302AT
√
--
--
--
--
--
2
DIP-18
SC9302BT
√
--
--
√
√
--
2
SDIP-22
SC9302CT
√
--
--
--
--
√
2
DIP-20
SC9302DT
√
--
--
√
√
√
2
SDIP-24
SC9302XLT (Key-tone/Lock function version)
SC9302ALT
√
--
√
--
--
--
2
DIP-18
SC9302BLT
√
--
√
√
√
--
2
SDIP-22
SC9302CLT
√
--
√
--
--
√
2
DIP-20
SC9302DLT
√
--
√
√
√
√
2
SDIP-24
SC9302F/G/H (Simple version)
SC9302F
--
--
--
--
--
--
1
DIP-18
SC9302G
--
--
--
--
--
--
1
DIP-16
SC9302H
--
--
--
--
--
--
1
DIP-18
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C, fosc=3.5795MHz,unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
V
DD
-0.3 ~ 5.5
V
Input Voltage
V
IN
Vss-0.3V ~ V
CC+0.3V
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-50 ~ +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com