Electronic Components Datasheet Search
  English  ▼

X  

SC9302G Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9302G
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302G Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9302G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302G Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
6
ELECTRICAL CHARACTERISTICS (Tamb=25°C, fosc=3.5795MHz,unless otherwise specified)
Test Conditions
Parameter
Symbol
V
DD
Condition
Min
Typ
Max
Unit
Operating Voltage
V
DD
--
--
2
--
5.5
V
Pulse
--
0.2
1
mA
Operating Current
IDD
2.5V
Tone
Off-hook
Keypad entry
No load
--
0.6
2
mA
Stand-by Current
ISTB
1V
On-hook, no load,
No entry
--
--
1
µA
Memory Retention Voltage
V
R
--
--
1
--
5.5
V
Memory Retention Current
IR
1V
On-hook
--
0.1
0.2
µA
Input Low Voltage
V
IL
--
--
Vss
--
0.2 V
DD
V
Input High Voltage
V
IH
--
--
0.8 V
DD
--
V
DD
V
XMUTE Leakage current
IXMO
--
V XMUTE =12V,
No entry
--
--
1
µA
XMUTE Sink Current
IOLXM
2.5V
V XMUTE =0.5V
1
--
--
mA
HKS Pin Input Current
I HKS
2.5V
V HKS =2.5V
--
--
0.1
µA
HFI Pull-Low Resistance
RHFI
2.5V
VHFI =2.5V
--
200
--
k
Ω
HDI Pull-High Resistance
R HDI
2.5V
V HDI =0V
--
200
--
k
Ω
Keypad Pin Source Current
IOH1
2.5V
VOH =0V
-4
--
-40
µA
Keypad Pin Sink Current
IOL1
2.5V
VOL =2.5V
200
400
--
µA
HFO Pin Source Current
IOH2
2.5V
VOH =2V
-1
--
--
mA
HFO Pin Sink Current
IOL2
2.5V
VOL =0.5V
1
--
--
mA
HDO Pin Source Current
IOH3
2.5V
VOH =2V
-1
--
--
mA
HDO Pin Sink Current
IOL3
2.5V
VOL =0.5V
1
--
--
mA
Control key
--
0.2
--
Pause Time After Flash
TFP
--
Digit key
--
1
--
s
One-key Redialing Pause Time
TRP
--
One-key redialing
--
1
--
s
Key-in Debounce Time
TDB
--
--
--
20
--
ms
Break Time for One-key Redialing
TBRK
--
One-key redialing
--
1.2
--
s
Key-tone Duration
TKT
--
--
34
--
--
ms
Key-tone Frequency
FKTC
--
--
1.2
--
--
KHz
System Frequency
Fosc
--
Crystal =3.5795MHz
3.5759 3.5795 3.5831
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com